Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYK100N65C3D1 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXYK100N65C3D1
Description  International Standard Packages
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYK100N65C3D1 Datasheet(HTML) 7 Page - IXYS Corporation

  IXYK100N65C3D1 Datasheet HTML 1Page - IXYS Corporation IXYK100N65C3D1 Datasheet HTML 2Page - IXYS Corporation IXYK100N65C3D1 Datasheet HTML 3Page - IXYS Corporation IXYK100N65C3D1 Datasheet HTML 4Page - IXYS Corporation IXYK100N65C3D1 Datasheet HTML 5Page - IXYS Corporation IXYK100N65C3D1 Datasheet HTML 6Page - IXYS Corporation IXYK100N65C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXYS REF: IXY_100N65C3(7D-Y42) 10-14-14
IXYK100N65C3D1
IXYX100N65C3D1
Fig. 28. Maximum Transient Thermal Impedance (Diode)
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Fig. 27. Dynamic Parameters QRR, IRR vs.
Junction Temperature
0
0.2
0.4
0.6
0.8
1
1.2
0
20
40
60
80
100
120
140
160
TJ (ºC)
KF IRR
KF QRR
VR = 400V
IF = 100A
-dIF/dt = 700A/µs
Fig. 23. Diode Forward Characteristics
0
20
40
60
80
100
120
140
160
180
200
0
0.5
1
1.5
2
2.5
3
VF (V)
TJ = 150ºC
TJ = 25ºC
Fig. 24. Reverse Recovery Charge vs. -diF/dt
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
300
400
500
600
700
800
900
-diF/ dt (A/µs)
IF = 100A
75A
50A
TJ = 150ºC
VR = 400V
Fig. 25. Reverse Recovery Current vs. -diF/dt
20
25
30
35
40
45
50
300
400
500
600
700
800
900
diF/dt (A/µs)
IF = 100A
75A
50A
TJ = 150ºC
VR = 400V
Fig. 26. Reverse Recovery Time vs. -diF/dt
120
130
140
150
160
170
180
190
200
210
220
300
400
500
600
700
800
900
-diF/dt (A/µs)
IF = 100A
75A
50A
TJ = 150ºC
VR = 400V


Similar Part No. - IXYK100N65C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYK100N65C3D1 IXYS-IXYK100N65C3D1 Datasheet
225Kb / 7P
   Advance Technical Information
More results

Similar Description - IXYK100N65C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYK100N65B3D1 IXYS-IXYK100N65B3D1 Datasheet
227Kb / 7P
   International Standard Packages
IXYH75N65C3H1 IXYS-IXYH75N65C3H1 Datasheet
237Kb / 7P
   International Standard Package
IXYN150N60B3 IXYS-IXYN150N60B3 Datasheet
215Kb / 6P
   International Standard Package
IXYN75N65C3D1 IXYS-IXYN75N65C3D1 Datasheet
228Kb / 7P
   International Standard Package
IXYN100N65B3D1 IXYS-IXYN100N65B3D1 Datasheet
229Kb / 7P
   International Standard Package
logo
Micro Commercial Compon...
MT160C08T2 MCC-MT160C08T2 Datasheet
546Kb / 5P
   International standard package
logo
IXYS Corporation
IXYN100N65C3H1 IXYS-IXYN100N65C3H1 Datasheet
231Kb / 7P
   International Standard Package
logo
Micro Commercial Compon...
MT130CB08T2 MCC-MT130CB08T2 Datasheet
553Kb / 6P
   International standard package
logo
IXYS Corporation
IXYH75N65C3 IXYS-IXYH75N65C3 Datasheet
232Kb / 6P
   International Standard Package
IXYH75N65C3D1 IXYS-IXYH75N65C3D1 Datasheet
243Kb / 7P
   International Standard Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com