Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYH100N65B3 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXYH100N65B3
Description  Optimized for 10-30kHz Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYH100N65B3 Datasheet(HTML) 4 Page - IXYS Corporation

  IXYH100N65B3 Datasheet HTML 1Page - IXYS Corporation IXYH100N65B3 Datasheet HTML 2Page - IXYS Corporation IXYH100N65B3 Datasheet HTML 3Page - IXYS Corporation IXYH100N65B3 Datasheet HTML 4Page - IXYS Corporation IXYH100N65B3 Datasheet HTML 5Page - IXYS Corporation IXYH100N65B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYH100N65B3
Fig. 7. Transconductance
0
10
20
30
40
50
60
70
80
90
0
20406080
100
120
140
160
IC (A)
TJ = - 40ºC
25ºC
150ºC
Fig. 10. Reverse-Bias Safe Operating Area
0
40
80
120
160
200
100
200
300
400
500
600
700
VCE (V)
TJ = 150ºC
RG = 3Ω
dv / dt < 10V / ns
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
20
40
60
80
100
120
140
160
180
QG (nC)
VCE = 325V
IC = 70A
IG = 10mA
Fig. 9. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VCE (V)
f = 1 MHz
Cies
Coes
Cres
Fig. 12. Maximum Transient Thermal Impedance
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Pulse Width (s)
Fig. 11. Forward-Bias Safe Operating Area
0.1
1
10
100
1000
1
10
100
1000
VDS (V)
TJ = 175ºC
TC = 25ºC
Single Pulse
25µs
1ms
DC
VCE(sat) Limit
100µs
10ms


Similar Part No. - IXYH100N65B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYH100N65C3 IXYS-IXYH100N65C3 Datasheet
231Kb / 6P
   Optimized for 20-60kHz Switching
More results

Similar Description - IXYH100N65B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYP20N65B3D1 IXYS-IXYP20N65B3D1 Datasheet
194Kb / 7P
   Optimized for 5-30kHz Switching
IXYP10N65B3D1 IXYS-IXYP10N65B3D1 Datasheet
192Kb / 7P
   Optimized for 5-30kHz Switching
MMIX1X100N60B3H1 IXYS-MMIX1X100N60B3H1 Datasheet
305Kb / 8P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
MMIX1X200N60B3 IXYS-MMIX1X200N60B3 Datasheet
241Kb / 7P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
IXXK100N60B3H1 IXYS-IXXK100N60B3H1 Datasheet
240Kb / 7P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
MMIX1X200N60B3H1 IXYS-MMIX1X200N60B3H1 Datasheet
250Kb / 8P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
MMIX1X340N65B4 IXYS-MMIX1X340N65B4 Datasheet
239Kb / 7P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
IXGN200N60A2 IXYS-IXGN200N60A2 Datasheet
558Kb / 5P
   Optimized for Switching
IXXP12N65B4D1 IXYS-IXXP12N65B4D1 Datasheet
227Kb / 7P
   Extreme Light Punch Through IGBT for 5-30kHz Switching
IXYH100N65C3 IXYS-IXYH100N65C3 Datasheet
231Kb / 6P
   Optimized for 20-60kHz Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com