Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM17533 Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM17533
Description  300mA, Micropower, VLDO Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM17533 Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM17533 Datasheet HTML 1Page - Union Semiconductor, Inc. UM17533 Datasheet HTML 2Page - Union Semiconductor, Inc. UM17533 Datasheet HTML 3Page - Union Semiconductor, Inc. UM17533 Datasheet HTML 4Page - Union Semiconductor, Inc. UM17533 Datasheet HTML 5Page - Union Semiconductor, Inc. UM17533 Datasheet HTML 6Page - Union Semiconductor, Inc. UM17533 Datasheet HTML 7Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.06 May.2016
3/7
UM175xx
Electrical Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
VOUT+
VDROP
6.0
V
VUVLO1
(Note 1)
Input Under Voltage
Lockout
VIN Falling
2.0
2.6
V
VUVLO2
(Note 2)
Input Under Voltage
Lockout
VIN Falling
2.1
2.3
V
IQ
Operating Quiescent
Current
IOUT=0mA
90
μA
IOUT=300mA
100
I
SHDN
___________
Shutdown Leakage
Current
1
μA
ESD Rating
Human Body Mode
2
kV
IOUT
Output Current
300
mA
Output Voltage
Accuracy
1mA≤I
OUT≤150mA,
TA=+25°C
-1
+1
%
1mA≤I
OUT≤150mA,
TA=-40°C to +85°C
-2
+2
1mA≤I
OUT≤300mA,
TA=-40°C to +85°C
-2.5
+2.5
ΔV
DO
Dropout Voltage
IOUT=150mA
90
mV
ILIMT
Output Current Limit
VIN≥2.5V
450
mA
t
Startup Time
Response
RL=68Ω, COUT=1μF
20
μs
VIL
SHDN
___________
Input Low
Voltage
0.3×VIN
V
VIH
SHDN
___________
Input High
Voltage
0.7×VIN
V
SHDN
___________
Input
Current
SHDN
___________
=VIN or GND
-1
0.1
+1
μA
TSHDN
Thermal-Shutdown
Temperature
160
°C
ΔT
SHDN
Thermal-Shutdown
Hysteresis
20
°C
Line Regulation
VOUT+1V≤VIN≤VOUT+2V
IOUT=10mA
0.09
%/V
Load Regulation
VIN=VOUT+1V
1mA≤IOUT≤150mA
0.2
%
PSRR
Power Supply Ripple
Rejection
VIN=VOUT+1V
IOUT=100mA
f=100Hz
70
dB
f=1kHz
65
f=10kHz
50
f=100kHz
40
Note 1: VUVLO1 is measured for devices with VOUT≥1.8V.
Note 2: VUVLO2 is measured for devices with VOUT≤1.5V.
Note 3: ΔVDO just define for device with VOUT≥2.5V.


Similar Part No. - UM17533

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM17533 UNIONSEMI-UM17533 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM17533

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com