Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM9711 Datasheet(PDF) 2 Page - Union Semiconductor, Inc.

Part # UM9711
Description  90m(ohm), 1.5A High-Side Power Switches with Flag
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM9711 Datasheet(HTML) 2 Page - Union Semiconductor, Inc.

  UM9711 Datasheet HTML 1Page - Union Semiconductor, Inc. UM9711 Datasheet HTML 2Page - Union Semiconductor, Inc. UM9711 Datasheet HTML 3Page - Union Semiconductor, Inc. UM9711 Datasheet HTML 4Page - Union Semiconductor, Inc. UM9711 Datasheet HTML 5Page - Union Semiconductor, Inc. UM9711 Datasheet HTML 6Page - Union Semiconductor, Inc. UM9711 Datasheet HTML 7Page - Union Semiconductor, Inc. UM9711 Datasheet HTML 8Page - Union Semiconductor, Inc. UM9711 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Jan.2015
2/10
UM9711
Typical Application Circuit
Over-Current
USB Controller
Pull-Up Resistor(10K to 100K)
Supply
Voltage 5V
ON
OFF
Data
Ferrite Beads
10uF
150uF
1uF
VBUS
D+
D-
GND
VIN
EN
GND
VOUT
FLG*
UM9711/
UM9711A
*Only for UM9711S/UM9711S8.
Pin Configurations
Top View
FLG
GND
EN
VIN
VOUT
2
3
4
5
1
UM9711S
2
3
4
5
5D2
1
M: Month Code
UM9711S
SOT23-5
GND
VIN
VIN
EN
FLG
VOUT
VOUT
VOUT
1
2
3
4
8
7
6
5
UM9711S8
1
2
3
4
8
7
6
5
UM9711
S8
XX
XX: Week Code
UM9711S8
SOP8
GND
VIN
VIN
EN
VOUT
VOUT
VOUT
VOUT
1
2
3
4
8
7
6
5
UM9711AS8
1
2
3
4
8
7
6
5
UM9711A
S8
XX
XX: Week Code
UM9711AS8
SOP8


Similar Part No. - UM9711

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UM9711 MICROCHIP-UM9711 Datasheet
2Mb / 221P
   Product Change Notification
03-Jul-2020
More results

Similar Description - UM9711

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
   90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
RT9715 RICHTEK-RT9715 Datasheet
338Kb / 15P
   90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
logo
Unisonic Technologies
US204 UTC-US204_15 Datasheet
249Kb / 6P
   1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US204 UTC-US204 Datasheet
249Kb / 6P
   100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com