Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

026T832F501A2A1 Datasheet(PDF) 1 Page - CTS Corporation

Part # 026T832F501A2A1
Description  Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

026T832F501A2A1 Datasheet(HTML) 1 Page - CTS Corporation

  026T832F501A2A1 Datasheet HTML 1Page - CTS Corporation 026T832F501A2A1 Datasheet HTML 2Page - CTS Corporation 026T832F501A2A1 Datasheet HTML 3Page - CTS Corporation 026T832F501A2A1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Industrial
24mmDiameter
5 Watt,Wirewound
Dust-proof construction
5 watt power rating
Superior resistance stability in temperature
and environment change
Tandem constructions available
Bushing or twist tab mounting
Available with pull-push and rotary
power switches
Electrical and Mechanical Specifications
Resistance Range
Linear : 1 ohm through 25K ohms
Resistance Tolerance
±20%, ±10%, ±5%
Power Rating
Dielectric Strength
1,000 VAC for 1 minute
Maximum Operating Voltage
500 VDC
Insulation Resistance
100 Megohms minimum @ 250 VDC
Linearity (linear curve only)
Standard: 3% linearity
Power Switch
Rotary Switch-SPST, DPST, SPDT
Pull-Push Switch-SPST (Pull-ON, Push-OFF)
Rotational Angle
Mechanical Angle: 300°
Effective Angle:
Without switch: 280°
With switch:
240°
Audio : 20 ohms through 10K ohms
Features
• RoHS compliant
Special : 2% linearity
Precision linearity
Operating Temperature
-30°C to +105
5 watts @ 25°C
1 - 4
© 2009 CTS Corporation. All rights reserved. Information subject to change.
12/10/09
CTS Electrocomponents
www.ctscorp.com
Rotational Torque
3/4 to 6 in. oz. (54 - 432 gf-cm)
Rotary Potentiometer
®
Electrocomponents
Series 026 DDaattaa SShheeeett
Rotary Potentiometer
Rotational Life
standard : 10,000 cycles
special : 50,000 , 100,000 cycles
Solder Heat Resistance
Maximum 350°C for 3 sec
Mounting Information
Bushing Mount
Twisted Tab
°
C
±5°


Similar Part No. - 026T832F501A2A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
026T120F102A1A CTS-026T120F102A1A Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
026T120F102A1D CTS-026T120F102A1D Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
026T120F102A2A CTS-026T120F102A2A Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
026T120F102A2D CTS-026T120F102A2D Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
026T120F102B1A CTS-026T120F102B1A Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
More results

Similar Description - 026T832F501A2A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
logo
Bi technologies
P230 BITECH-P230 Datasheet
70Kb / 3P
   24mm Rotary Potentiometer
logo
CTS Corporation
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
List of Unclassifed Man...
P231-FA20BR5K ETC2-P231-FA20BR5K Datasheet
65Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element
logo
Bi technologies
BR10KT1L.5XX BITECH-BR10KT1L.5XX Datasheet
88Kb / 3P
   3-5/16 Diameter Multiturn Wirewound Precision Potentiometer
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com