Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UM8401 Datasheet(PDF) 2 Page - Union Semiconductor, Inc.

Part No. UM8401
Description  8 Line ESD/EMI Protection for Color LCD Interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UNIONSEMI [Union Semiconductor, Inc.]
Homepage  http://www.union-ic.com
Logo 

UM8401 Datasheet(HTML) 2 Page - Union Semiconductor, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
___________________________________________________________________________
http://www.union-ic.com Rev.10 Mar.2016
2/7
UM8401
Ordering Information
Part
Number
Working
Voltage
Packaging Type
Channel
Marking
Code
Shipping Qty
UM8401
5.0V
DFN16 4.0×1.6
8
8401
3000pcs/7 Inch
Tape & Reel
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Junction Temperature
TJ
125
°C
Steady State Power per Resistor @ 25°C
PR
328
mW
Operating Temperature Range
TOP
-40 to 85
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Maximum Lead Temperature for Soldering
TL
260
°C
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse Stand-Off
Voltage
VRWM
5.0
V
Reverse Breakdown
Voltage
VBR
IT=1mA
6.0
7.0
8.0
V
Reverse Leakage
Current
IR
VRWM=3.3V
100
nA
Total Series Resistance
RA
IR=20mA,
Each Line
85
100
115
Ω
Total Capacitance
Cd
Input to GND, Each Line
VR=0V, f=1MHz
20
23
26
pF
Total Capacitance
Cd
Input to GND, Each Line
VR=2.5V, f=1MHz
13
15
18
pF
Cut-Off Frequency
(Note 1)
f3dB
Above this frequency, appreciable
attenuation occurs
150
MHz
Note 1: 50Ω source and 50Ω load termination.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn