Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UM8401 Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part No. UM8401
Description  8 Line ESD/EMI Protection for Color LCD Interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UNIONSEMI [Union Semiconductor, Inc.]
Homepage  http://www.union-ic.com
Logo 

UM8401 Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
___________________________________________________________________________
http://www.union-ic.com Rev.10 Mar.2016
1/7
UM8401
8 Line ESD/EMI Protection for Color LCD Interfaces
UM8401 DFN16 4.0×1.6
General Description
The UM8401 is a low pass filter array with integrated TVS diodes. It is designed to suppress
unwanted EMI/RFI signals and provide electrostatic discharge (ESD) protection in portable electronic
equipment. This state-of-the-art device utilizes silicon-avalanche technology for superior clamping
performance and DC electrical characteristics. It has been optimized for protection of color LCD
panels in cellular phones and other portable electronics.
The device consists of eight identical circuits comprised of TVS diodes for ESD protection, and a RC
network for EMI filtering. A series resistor value of 100Ω and a capacitance value of 10pF are used to
achieve 25dB minimum attenuation from 800 MHz to 2.5GHz. The TVS diodes provide effective
suppression of ESD voltages in excess of ±15kV (air discharge) and ±8kV (contact discharge) per
IEC 61000-4-2, level 4.
The UM8401 is in a 16-pin, RoHS compliant DFN16 package. It measures 4.0mm×1.6mm. The leads
are spaced at a pitch of 0.5mm and are finished with lead-free Ni Pd. The small package makes it
ideal for use in portable electronics such as cell phones, digital still cameras, and PDAs.
Applications
Features
EMI Filtering and ESD Protection for
Data Lines
Wireless Phones
Handheld Products
Notebook Computers
LCD Displays
EMI/RFI Filter with Integrated TVS for ESD
Protection
ESD Protection to IEC 61000-4-2 (ESD) Level
4, ±15kV (Air), ±8kV (Contact)
25dB
Minimum
Attenuation:
800MHz
to
2.5GHz
Working Voltage: 5V
Resistor: 100Ω±15%
Typical Capacitance: 15pF (VR=2.5V)
Solid-State Technology
DFN16 Package: 4.0mm×1.6 mm
Moisture Sensitivity Level 1
Pin Configurations
Top View
8401:XX
XX: Week Code
UM8401
DFN16 4.0×1.6


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn