Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UM8401 Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part No. UM8401
Description  8 Line ESD/EMI Protection for Color LCD Interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UNIONSEMI [Union Semiconductor, Inc.]
Homepage  http://www.union-ic.com
Logo 

UM8401 Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
___________________________________________________________________________
http://www.union-ic.com Rev.10 Mar.2016
6/7
UM8401
Package Information
UM8401 DFN16 4.0×1.6
Outline Drawing
PIN 1 DOT
BY MARKING
D
Top View
e
b
D2
Bottom View
Side View
(Pin #1 ID)
C'0.2×45º
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Typ
Max
Min
Typ
Max
A
0.50
-
0.80
0.020
-
0.031
A1
0.00
-
0.05
0.000
-
0.002
A3
0.203REF
0.008REF
b
0.15
-
0.30
0.006
-
0.012
D
3.924
4.00
4.076
0.154
0.157
0.160
D2
2.95
-
3.30
0.116
-
0.130
E
1.524
1.60
1.676
0.060
0.063
0.066
E2
0.30
-
0.60
0.012
-
0.024
e
0.50TYP
0.020TYP
L
0.15
-
0.38
0.006
-
0.015
Land Pattern
0.50
3.20
4.00
0.25
NOTES:
1. Compound dimension: 4.00×1.60;
2. Unit: mm;
3. General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn