Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2056-35-AFLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2056-35-AFLF
Description  Light Duty 3-Electrode Gas Discharge Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2056-35-AFLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2056-35-AFLF Datasheet HTML 1Page - Bourns Electronic Solutions 2056-35-AFLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2056 Series Light Duty 3-Electrode Gas Discharge Tube
Packaging Specifications
Model 2056 ships standard bulk pack, 100 pieces per tray; 5 trays
per box, 2 boxes per outer pack (1K units).
Product Dimensions
How to Order
2056 - xx - xx (F) LF
Model Number Designator
Voltage (Divided by 10)
09 = 90 V
35 = 350 V
14 = 145 V
40 = 400 V
20 = 200 V
42 = 420 V
23 = 230 V
47 = 470 V
25 = 250 V
60 = 600 V
Leads
A = No leads/Cassette Applications
B2 = 0.8 mm dia., 4.4 mm spacing
B3 = 0.8 mm dia., 3.8 mm spacing
Switch-Grade Fail-Short Option
(Blank) = None
F = Fail-Short Device (Optional)
RoHS Compliancy
LF = RoHS Compliant Product
REV. B 08/15
6.0 +0.2/-0.5
(.236 + .008/-.020)
DIA.
7.5 ± 0.5
(.295 ± .020)
7.6 ± 0.4
(.299 ± .016)
7.5 ± 0.5
(.295 ± .020)
0.8 ± 0.05
(.031 ± .002)
DIA.
3.8 ± 0.3
(.150 ± .012)
3.8 ± 0.3
(.150 ± .012)
0.8 ± 0.05
(.031 ± .002)
DIA.
4.4 ± 0.3
(.173 ± .012)
4.4 ± 0.3
(.173 ± .012)
8.5 ± 0.5
(.335 ± .020)
11.5 +0.8/-0.5
(.453 +.031/-.020)
8.5 ± 0.5
(.335 ± .020)
11.5 ± 0.5
(.453 ± .020)
2056-xx-B3
0.8 mm dia., 3.8 mm spacing
2056-xx-A
2056-xx-B2
0.8 mm dia., 4.4 mm spacing
(B2FLF Switch-Grade Fail-Short Configuration Shown)
8.5 ± 0.5
(.335 ± .020)
6.0 +0.2/-0.5
(.236 + .008/-.020)
DIA.
6.3 ± 0.3
(.248 ± .012)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - 2056-35-AFLF

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
2056-256-AL RAF-2056-256-AL Datasheet
121Kb / 1P
   3/16 HEX FEMALE STANDOFFS
2056-256-N RAF-2056-256-N Datasheet
121Kb / 1P
   3/16 HEX FEMALE STANDOFFS
2056-440-AL RAF-2056-440-AL Datasheet
105Kb / 1P
   3/16 HEX FEMALE STANDOFFS
2056-440-N RAF-2056-440-N Datasheet
105Kb / 1P
   3/16 HEX FEMALE STANDOFFS
2056-440-S RAF-2056-440-S Datasheet
105Kb / 1P
   3/16 HEX FEMALE STANDOFFS
More results

Similar Description - 2056-35-AFLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2052-23 BOURNS-2052-23 Datasheet
240Kb / 2P
   Light Duty 3-Electrode Symmetrical Gas Discharge Tube
2046-09 BOURNS-2046-09 Datasheet
200Kb / 2P
   Heavy-Duty 3-Electrode Gas Discharge Tube
2057-07 BOURNS-2057-07 Datasheet
270Kb / 2P
   Light Duty 2-Electrode Miniature Gas Discharge Tube
2053 BOURNS-2053 Datasheet
237Kb / 2P
   Light Duty 2-Electrode Miniature Gas Discharge Tube
2057 BOURNS-2057 Datasheet
270Kb / 2P
   Light Duty 2-Electrode Miniature Gas Discharge Tube
2053-07 BOURNS-2053-07 Datasheet
229Kb / 2P
   Light Duty 2-Electrode Miniature Gas Discharge Tube
2046-XX-A BOURNS-2046-XX-A Datasheet
191Kb / 2P
   2046 Series Heavy-Duty 3-Electrode Gas Discharge Tube
2028-23 BOURNS-2028-23 Datasheet
162Kb / 2P
   Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
2049-07-BT1LF BOURNS-2049-07-BT1LF Datasheet
233Kb / 2P
   Medium Duty 2-Electrode Gas Discharge Tube
2045-07 BOURNS-2045-07_15 Datasheet
231Kb / 2P
   Medium Duty 2-Electrode Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com