Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U86P-W-1600-12-HB4DC Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # D1U86P-W-1600-12-HB4DC
Description  86mm 1U Front End AC-DC Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U86P-W-1600-12-HB4DC Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  D1U86P-W-1600-12-HB4DC Datasheet HTML 1Page - Murata Power Solutions Inc. D1U86P-W-1600-12-HB4DC Datasheet HTML 2Page - Murata Power Solutions Inc. D1U86P-W-1600-12-HB4DC Datasheet HTML 3Page - Murata Power Solutions Inc. D1U86P-W-1600-12-HB4DC Datasheet HTML 4Page - Murata Power Solutions Inc. D1U86P-W-1600-12-HB4DC Datasheet HTML 5Page - Murata Power Solutions Inc. D1U86P-W-1600-12-HB4DC Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
D1U86P-W-1600-12-HBxDC Series
86mm 1U Front End AC-DC Power Supply
D1U86P-W-1600-12-HBxDC.A01 Page 6 of 6
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2015 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
MECHANICAL DIMENSIONS
3.4" x 7.78" x 1.59" [86.4mm x 197.7mm x 40.5mm]
MATING CONNECTOR
Part Number
Description
FCI 10053363-200LF
Right Angle
FCI 10046971-001LF
Vertical
OPTIONAL ACCESSORIES
Description
Part Number
12V D1U86P Output Connector Card
D1U86P-12-CONC
APPLICATION NOTES
Document Number
Description
ACAN-50
D1U86P Output Connector Card
ACAN-51
D1U86P Communication Protocol
AC input connector: IEC 320-C14
86.40±0.60
4.20±0.40
6.80±0.40
40.50±0.50
191.70±0.50
10.25±0.40
9.56±0.25
0.062"
AIR FLOW DIRECTION FRONT TO BACK
AIR FLOW DIRECTION BACK TO FRONT
2X3.20±0.25
83.52±0.30
240.75 REF
1.41 ±0.50
198.05±0.65
190.90±0.65
8.00±0.30
3.30±0.25
51.36±0.30
9.00±0.30
39.90±0.50
3.00±0.25
197.70±0.65
137.70 REF
16.50±0.30


Similar Part No. - D1U86P-W-1600-12-HB4DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U86P-W-1600-12-HB4DC MURATA-PS-D1U86P-W-1600-12-HB4DC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
More results

Similar Description - D1U86P-W-1600-12-HB4DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U86P-W-1600-12-HBXDC MURATA-PS-D1U86P-W-1600-12-HBXDC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U86G-W-460-12-HXX MURATA-PS-D1U86G-W-460-12-HXX Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HXXDC MURATA-PS-D1U86G-W-460-12-HXXDC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86G MURATA-PS-D1U86G Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U86P-D-1600-12-HB4DC MURATA-D1U86P-D-1600-12-HB4DC Datasheet
229Kb / 5P
   86mm 1U Front End DC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86-D-1600-12-HXXDC MURATA-PS-D1U86-D-1600-12-HXXDC Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U86 MURATA-PS-D1U86 Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U3CS-W-850-12-HXXC MURATA-PS-D1U3CS-W-850-12-HXXC Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com