Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U54-D-650-12-HB3C Datasheet(PDF) 9 Page - Murata Power Solutions Inc.

Part # D1U54-D-650-12-HB3C
Description  54mm 1U Front End DC-DC Power Supply Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U54-D-650-12-HB3C Datasheet(HTML) 9 Page - Murata Power Solutions Inc.

  D1U54-D-650-12-HB3C Datasheet HTML 1Page - Murata Power Solutions Inc. D1U54-D-650-12-HB3C Datasheet HTML 2Page - Murata Power Solutions Inc. D1U54-D-650-12-HB3C Datasheet HTML 3Page - Murata Power Solutions Inc. D1U54-D-650-12-HB3C Datasheet HTML 4Page - Murata Power Solutions Inc. D1U54-D-650-12-HB3C Datasheet HTML 5Page - Murata Power Solutions Inc. D1U54-D-650-12-HB3C Datasheet HTML 6Page - Murata Power Solutions Inc. D1U54-D-650-12-HB3C Datasheet HTML 7Page - Murata Power Solutions Inc. D1U54-D-650-12-HB3C Datasheet HTML 8Page - Murata Power Solutions Inc. D1U54-D-650-12-HB3C Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
D1U54-D-650-12-HBxC Series
54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-650-12-HBxC.A02 Page 9 of 9
www.murata-ps.com/support
MECHANICAL DIMENSIONS
1. DC input connector: Dinkle Terminal Block, Dinkle Enterprise: Part No. DT-7C-B14W-02
2. Dimensions: 2.15" x 9.00" x 1.57" [54.5mm x 228.6mm x 40.0mm]
3. This drawing is a graphical representation of the product and may not show all fine details.
4. Reference File: D1U54-D-650-12-HBxC (M1878-M1879)_Drawing for Product Datasheet_20151216.pdf
OPTIONAL ACCESSORIES
Description
Part Number
12V D1U54P Output Connector Card
D1U54P-12-CONC
APPLICATION NOTES
Document Number
Description
Link
ACAN-64
D1U54P Output Connector Card
http://power.murata.com/datasheet?/data/apnotes/acan-64.pdf
ACAN-60
D1U54-x Communication Protocol
http://power.murata.com/datasheet?/data/apnotes/acan-60.pdf
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048 -1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements and the Life
and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information
contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make,
use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice.
© 2016 Murata Power Solutions, Inc.


Similar Part No. - D1U54-D-650-12-HB3C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U54-D-650-12-HB3C MURATA-PS-D1U54-D-650-12-HB3C Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-650-12-HB3C MURATA-PS-D1U54-D-650-12-HB3C Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
2016
D1U54-D-650-12-HB3C MURATA-PS-D1U54-D-650-12-HB3C_V01 Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
2016
More results

Similar Description - D1U54-D-650-12-HB3C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U2-D-400-12-HA4C MURATA-PS-D1U2-D-400-12-HA4C Datasheet
263Kb / 6P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-650-12-HBXC MURATA-PS-D1U54-D-650-12-HBXC Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-2000-12 MURATA-PS-D1U54-D-2000-12 Datasheet
784Kb / 8P
   54mm 1U Front End DC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54-D-1200-12-HC4PC MURATA-D1U54-D-1200-12-HC4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54-D-1200-12-HX4PC MURATA-PS-D1U54-D-1200-12-HX4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
D1U54P MURATA-PS-D1U54P Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54P-W-1200-12-HC4PC MURATA-D1U54P-W-1200-12-HC4PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com