Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U4CS Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # D1U4CS
Description  AC/DC Front End Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U4CS Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  D1U4CS Datasheet HTML 1Page - Murata Power Solutions Inc. D1U4CS Datasheet HTML 2Page - Murata Power Solutions Inc. D1U4CS Datasheet HTML 3Page - Murata Power Solutions Inc. D1U4CS Datasheet HTML 4Page - Murata Power Solutions Inc. D1U4CS Datasheet HTML 5Page - Murata Power Solutions Inc. D1U4CS Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
D1U4CS-W-2200-12-HxxC Series
AC/DC Front End Power Supply
CPS_D1U4CS-W-2200-12-HxxC.A09 Page 4 of 6
www.murata-ps.com/support
OUTPUT CONNECTOR AND SIGNAL SPECIFICATION
DC and Signal Connector: FCI PowerBlade # 51732-048LF
Pin Assignment
Signal Name
Description
High Level
Low Level
I Max
P1 to P5
VOUT
Main output voltage
P6 to P10
VRTN
Main output voltage, return
A1
Sense +
VOUT remote sense, positive node input, connected to the
+ve load point
A2
Sense -
VOUT remote sense, negative node input, connected to the
-ve load point
C5, C6, D5, D6
Vsb
Standby voltage output
C3, C4, D3, D4
Vsb Return
Standby voltage, return, tied internally to Output Return
B1
I_Share
Active load sharing bus
0 – 8V
-4 mA / +5 mA
D1
AC_OK/H
Input AC Voltage “OK” signal output (Internal pull up is
10kΩ to Vsb)
>2.1V
<0.8V
+4 mA
-2 mA
D2
PW_OK/H
Internal pull up of 10KΩ to Vsb
>2.1V
<0.8V
+4 mA
-2 mA
C2
SMB/Alert
SMB/Alert signal output (open collector)
B5
PS_Kill
Floating pin will turn off P/S (shorter pin, last-make and
first-break contact for hot plugging). This signal overrides
PS-On in disabling the Main Output
>2.1V (open)
<0.8V (active, PS:On)
N/A
B6
PS_Present
Internally tied to Vsb Return
0 V
A6
PS_On/L
Internal 3.3KΩ pull-up to Vsb (accepts open collector/ drain
drive). This signal to be pulled low to turn-on power supply
>2.1V (open, or 3.3V)
<0.8V (active, PS:On)
A3
I2C Data
I2C serial data bus; internal 4.64KΩ pull-up to Vsb
A4
I2C Clock
I2C serial clock bus; internal 4.64KΩ pull-up to Vsb
B2
I2C Adr0
Address input 0, internal 10KΩ pull-up to Vsb
>2.1V
<0.8V
±1 mA
B3
I2C Adr1
Address input 1, internal 10KΩ pull-up to Vsb
>2.1V
<0.8V
±1 mA
B4
I2C Adr2
Address input 2, internal 10KΩ pull-up to Vsb
>2.1V
<0.8V
±1 mA
D1U4CS MATING CONNECTORS
12V D1U4 mating connector
Press Fit
Solder 1
Straight
Right Angle
Straight
Right Angle
Murata-PS
N/A
4321-01454-0
N/A
N/A
FCI
51742-11002400AALF
51762-11002400ABLF
N/A
N/A
1 Solder connector recommended for board thickness of <0.090
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
x1
x2
x3
x4
x5
x6
VOUT
VOUT
VOUT
VOUT
VOUT
VRTN
VRTN
VRTN
VRTN
VRTN
AC_OK/H
PW_OK/H
Vsb
RETURN
Vsb
RETURN
Vsb
+OUT
Vsb
+OUT
D
SPARE
SMB/
Alert
Vsb
RETURN
Vsb
RETURN
Vsb
+OUT
Vsb
+OUT
C
I_SHARE
I2C ADR0
I2C ADR1
I2C ADR2
PS_KILL
PS_
PRESENT
B
SENSE +
SENSE -
I2C DATA
I2C
CLOCK
SPARE
PS_ON/L
A
mate-last pins


Similar Part No. - D1U4CS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U4CS-D-2100-52-HA3DC MURATA-D1U4CS-D-2100-52-HA3DC Datasheet
187Kb / 5P
   D1U4CS-D-2100-54-HA3DC
logo
Murata Power Solutions ...
D1U4CS-D-2100-52-HA3DC MURATA-PS-D1U4CS-D-2100-52-HA3DC Datasheet
245Kb / 5P
   DC-DC Front End Power Supply
2012
logo
Murata Manufacturing Co...
D1U4CS-D-2100-54-HA3DC MURATA-D1U4CS-D-2100-54-HA3DC Datasheet
187Kb / 5P
   D1U4CS-D-2100-54-HA3DC
logo
Murata Power Solutions ...
D1U4CS-D-2100-54-HA3DC MURATA-PS-D1U4CS-D-2100-54-HA3DC Datasheet
245Kb / 5P
   DC-DC Front End Power Supply
2012
D1U4CS-D-2100-5X-HA3DC MURATA-PS-D1U4CS-D-2100-5X-HA3DC Datasheet
245Kb / 5P
   DC-DC Front End Power Supply
2012
More results

Similar Description - D1U4CS

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
D1U MURATA-PS-D1U Datasheet
174Kb / 5P
   AC/DC Front End Power Supply
C1U-W-1200-12-TA1C MURATA-PS-C1U-W-1200-12-TA1C Datasheet
186Kb / 4P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET750-12-050XA BEL-PET750-12-050XA Datasheet
1Mb / 19P
   AC-DC FRONT-END POWER SUPPLY
PET1300-12-054XA BEL-PET1300-12-054XA Datasheet
1Mb / 23P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com