Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

400E2C5.5 Datasheet(PDF) 10 Page - Littelfuse

Part No. 400E2C5.5
Description  MEDIUM VOLTAGE FUSES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

400E2C5.5 Datasheet(HTML) 10 Page - Littelfuse

Back Button 400E2C5.5 Datasheet HTML 2Page - Littelfuse 400E2C5.5 Datasheet HTML 3Page - Littelfuse 400E2C5.5 Datasheet HTML 4Page - Littelfuse 400E2C5.5 Datasheet HTML 5Page - Littelfuse 400E2C5.5 Datasheet HTML 6Page - Littelfuse 400E2C5.5 Datasheet HTML 7Page - Littelfuse 400E2C5.5 Datasheet HTML 8Page - Littelfuse 400E2C5.5 Datasheet HTML 9Page - Littelfuse 400E2C5.5 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
POWR-GARD® Fuse Datasheet
littelfuse.com
© 2014 Littelfuse POWR-GARD® Products
Rev: 063014
10 of 10
LIVE PARTS
TRIPLE BARREL
Bottom Lever In
Closed Position
.56 Dia. (2) Holes
For Mounting
Cable/Bus
.44 DIA. (2) HOLES
DOUBLE BARREL
SINGLE BARREL
1.75
1.00
2.00
2.00
2.00
4.9
4.85
3.63
3.63
3.75
Top Lever in
Open Position
A
Blown Fuse
Indicator
TOP
VIEW
4.50
3.08
1.50
4.16
0.38" HOLES
.78
.63
.08
.30
.31
.08
.71
1.15
.05
.78
Description
Live parts are available for mounting E, R, and PT single, double, and triple barrel
fuses. Mounting clips are available for ferrule type and clip lock style fuses.
All clips are sold in pairs.
Part Number 700-520-CL
Ordering Number 0700520.ZXCL
Clip Lock Design
Part Number 700-530
Ordering Number 0700530.Z
For use with all 3" diameter fuses.
Dimensions for reference only.
Part Number 700-500
Ordering Number 0700500.Z
For use with all 13/16" (.8125”) diameter PT fuses
Part Number 700-156
Ordering Number 0700156.Z
For use with 19/16" (1.5625”) to 15/8” (1.625”) diameter PT fuses.
Part Number 700-300
Ordering Number 0700300.Z
For use with 3” diameter fuses.
2.85
Mounting Hole
Dimension
2.00
3.74
1.00
Dimensions in inches
Dimensions in inches
Mounting Details for Clip Lock
CATALOG NUMBER
DIMENSION A (INCHES)
10E1CL5.5 thru 150E1CL5.5
12.88
225E2CL5.5 thru 600E3CL5.5
13.88
10E1CL8.25 thru 350E3CL8.25
13.88
10E1CL15.5 thru 50E1CL15.5
16.25
65E1CL15.5 thru 300E3CL15.5
19.25


Similar Part No. - 400E2C5.5

ManufacturerPart No.DatasheetDescription
Littelfuse
Littelfuse
400E2C5.5 LITTELFUSE-400E2C5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES 2,400-38,000 VAC Current-Limiting
400E2C5.5 LITTELFUSE-400E2C5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
400E2C5.5 LITTELFUSE-400E2C5.5 Datasheet
564Kb / 10P
   Power Transformer Protection
400E2C5.5 LITTELFUSE-400E2C5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results

Similar Description - 400E2C5.5

ManufacturerPart No.DatasheetDescription
Littelfuse
Littelfuse
8NLE15E LITTELFUSE-8NLE15E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE20E LITTELFUSE-8NLE20E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE50E LITTELFUSE-8NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2180E LITTELFUSE-8NLE2180E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C38.0 LITTELFUSE-10E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C8.25 LITTELFUSE-15E1C8.25 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1CL8.25 LITTELFUSE-15E1CL8.25 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2200E LITTELFUSE-15GSE2200E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE25E LITTELFUSE-15NLE25E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
130-4R-1C-5.5 LITTELFUSE-130-4R-1C-5.5 Datasheet
346Kb / 12P
   Medium Voltage Fuses
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz