Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

400E2C5.5 Datasheet(PDF) 5 Page - Littelfuse

Part No. 400E2C5.5
Description  MEDIUM VOLTAGE FUSES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

400E2C5.5 Datasheet(HTML) 5 Page - Littelfuse

  400E2C5.5 Datasheet HTML 1Page - Littelfuse 400E2C5.5 Datasheet HTML 2Page - Littelfuse 400E2C5.5 Datasheet HTML 3Page - Littelfuse 400E2C5.5 Datasheet HTML 4Page - Littelfuse 400E2C5.5 Datasheet HTML 5Page - Littelfuse 400E2C5.5 Datasheet HTML 6Page - Littelfuse 400E2C5.5 Datasheet HTML 7Page - Littelfuse 400E2C5.5 Datasheet HTML 8Page - Littelfuse 400E2C5.5 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
POWR-GARD® Fuse Datasheet
littelfuse.com
© 2014 Littelfuse POWR-GARD® Products
Rev: 063014
5 of 10
E-RATED MEDIUM VOLTAGE FUSES
E-RATED ORDERING/CATALOG
NUMBER
SIZE
DIM. A (INCHES) DIM. B (INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)*
FIGURE NUMBER
10E1C5.5
10E
12"
15.875"
80,000
4
15E1C5.5
15E
12"
15.875"
80,000
4
20E1C5.5
20E
12"
15.875"
80,000
4
25E1C5.5
25E
12"
15.875"
80,000
4
30E1C5.5
30E
12"
15.875"
80,000
4
40E1C5.5
40E
12"
15.875"
80,000
4
50E1C5.5
50E
12"
15.875"
80,000
4
65E1C5.5
65E
12"
15.875"
80,000
4
80E1C5.5
80E
12"
15.875"
80,000
4
100E1C5.5
100E
12"
15.875"
80,000
4
125E1C5.5
125E
12"
15.875"
80,000
4
150E1C5.5
150E
12"
15.875"
80,000
4
175E1C5.5
175E
12"
15.875"
80,000
4
200E1C5.5
200E
12"
15.875"
80,000
4
125E2C5.5
125E
12"
15.875"
80,000
5
150E2C5.5
150E
12"
15.875"
80,000
5
175E2C5.5
175E
12"
15.875"
80,000
5
200E2C5.5
200E
12"
15.875"
80,000
5
250E2C5.5
250E
12"
15.875"
80,000
5
300E2C5.5
300E
12"
15.875"
80,000
5
350E2C5.5
350E
12"
15.875"
80,000
5
400E2C5.5
400E
12"
15.875"
80,000
5
450E2C5.5
450E
12"
15.875"
80,000
5
500E3C5.5
500E
12"
15.875"
80,000
6
550E3C5.5
550E
12"
15.875"
80,000
6
600E3C5.5
600E
12"
15.875"
80,000
6
E-RATED ORDERING/CATALOG
NUMBER
SIZE
DIM. A (INCHES) DIM. B (INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)*
FIGURE NUMBER
5NLE10E
10E
14”
1778"
80,000
4
5NLE15E
15E
14”
1778"
80,000
4
5NLE20E
20E
14”
1778"
80,000
4
5NLE25E
25E
14”
1778"
80,000
4
5NLE30E
30E
14”
1778"
80,000
4
5NLE40E
40E
14”
1778"
80,000
4
5NLE50E
50E
14”
1778"
80,000
4
5NLE65E
65E
14”
1778"
80,000
4
5NLE80E
80E
14”
1778"
80,000
4
5NLE100E
100E
14”
1778"
80,000
4
5NLE125E
125E
14“
1778"
80,000
4
5NLE150E
150E
14”
1778"
80,000
4
5NLE175E
175E
14”
1778"
80,000
4
5NLE200E
200E
14”
1778"
80,000
4
5NLE2225E
225E
14”
1778"
80,000
5
5NLE2250E
250E
14”
1778"
80,000
5
5NLE2300E
300E
14”
1778"
80,000
5
5NLE2350E
350E
14”
1778"
80,000
5
5NLE2400E
400E
14”
1778"
80,000
5
5NLE2450E
450E
14”
1778"
80,000
5
* RMS Asymmetrical amperes = RMS Symmetrical amperes x 1.6


Similar Part No. - 400E2C5.5

ManufacturerPart No.DatasheetDescription
Littelfuse
Littelfuse
400E2C5.5 LITTELFUSE-400E2C5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES 2,400-38,000 VAC Current-Limiting
400E2C5.5 LITTELFUSE-400E2C5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
400E2C5.5 LITTELFUSE-400E2C5.5 Datasheet
564Kb / 10P
   Power Transformer Protection
400E2C5.5 LITTELFUSE-400E2C5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results

Similar Description - 400E2C5.5

ManufacturerPart No.DatasheetDescription
Littelfuse
Littelfuse
8NLE15E LITTELFUSE-8NLE15E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE20E LITTELFUSE-8NLE20E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE50E LITTELFUSE-8NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2180E LITTELFUSE-8NLE2180E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C38.0 LITTELFUSE-10E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C8.25 LITTELFUSE-15E1C8.25 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1CL8.25 LITTELFUSE-15E1CL8.25 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2200E LITTELFUSE-15GSE2200E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE25E LITTELFUSE-15NLE25E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
130-4R-1C-5.5 LITTELFUSE-130-4R-1C-5.5 Datasheet
346Kb / 12P
   Medium Voltage Fuses
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz