Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC5712 Datasheet(PDF) 10 Page - IXYS Corporation

Part # CPC5712
Description  Minimum External Components
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5712 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button CPC5712 Datasheet HTML 3Page - IXYS Corporation CPC5712 Datasheet HTML 4Page - IXYS Corporation CPC5712 Datasheet HTML 5Page - IXYS Corporation CPC5712 Datasheet HTML 6Page - IXYS Corporation CPC5712 Datasheet HTML 7Page - IXYS Corporation CPC5712 Datasheet HTML 8Page - IXYS Corporation CPC5712 Datasheet HTML 9Page - IXYS Corporation CPC5712 Datasheet HTML 10Page - IXYS Corporation CPC5712 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5712
10
www.ixysic.com
R02
4. Manufacturing Information
4.1 Moisture Sensitivity
All plastic encapsulated semiconductor packages are susceptible to moisture ingression. IXYS Integrated
Circuits Division classified all of its plastic encapsulated devices for moisture sensitivity according to the
latest version of the joint industry standard, IPC/JEDEC J-STD-020, in force at the time of product
evaluation. We test all of our products to the maximum conditions set forth in the standard, and guarantee
proper operation of our devices when handled according to the limitations and information in that standard as well as
to any limitations set forth in the information or standards referenced below.
Failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced
product performance, reduction of operable life, and/or reduction of overall reliability.
This product carries a Moisture Sensitivity Level (MSL) rating as shown below, and should be handled according to
the requirements of the latest version of the joint industry standard IPC/JEDEC J-STD-033.
4.2 ESD Sensitivity
This product is ESD Sensitive, and should be handled according to the industry standard
JESD-625.
4.3 Reflow Profile
This product has a maximum body temperature and time rating as shown below. All other guidelines of
J-STD-020 must be observed.
4.4 Board Wash
IXYS Integrated Circuits Division recommends the use of no-clean flux formulations. However, board washing to
remove flux residue is acceptable, and the use of a short drying bake may be necessary. Chlorine-based or
Fluorine-based solvents or fluxes should not be used. Cleaning methods that employ ultrasonic energy should not be
used.
Device
Moisture Sensitivity Level (MSL) Rating
CPC5712U
MSL 1
Device
Maximum Temperature x Time
CPC5712U
260°C for 30 seconds
e3
Pb


Similar Part No. - CPC5712

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5712 CLARE-CPC5712 Datasheet
388Kb / 11P
   Phone Line Monitor with Detectors (PLMD)
CPC5712UTR CLARE-CPC5712UTR Datasheet
388Kb / 11P
   Phone Line Monitor with Detectors (PLMD)
More results

Similar Description - CPC5712

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL386 IKSEMICON-IL386 Datasheet
561Kb / 6P
   Minimum External Parts
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
   External components
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
[Old version datasheet]   No External Components
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
   No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
   No external components
ILA7056 IKSEMICON-ILA7056 Datasheet
148Kb / 4P
   No external components
ILA7056B IKSEMICON-ILA7056B Datasheet
391Kb / 7P
   Few external components
logo
STMicroelectronics
STEVAL-ISA048V2 STMICROELECTRONICS-STEVAL-ISA048V2 Datasheet
164Kb / 4P
   Few external components
July 2009 Rev 1
logo
Unisonic Technologies
TDA7360L-J11-T UTC-TDA7360L-J11-T Datasheet
235Kb / 6P
   Very few external components
logo
Texas Instruments
PT3100-24V TI1-PT3100-24V_08 Datasheet
214Kb / 3P
[Old version datasheet]   No External Components Required
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com