Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1T1102 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # USB1T1102
Description  Universal Serial Bus Peripheral Transceiver with Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

USB1T1102 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button USB1T1102 Datasheet HTML 2Page - Fairchild Semiconductor USB1T1102 Datasheet HTML 3Page - Fairchild Semiconductor USB1T1102 Datasheet HTML 4Page - Fairchild Semiconductor USB1T1102 Datasheet HTML 5Page - Fairchild Semiconductor USB1T1102 Datasheet HTML 6Page - Fairchild Semiconductor USB1T1102 Datasheet HTML 7Page - Fairchild Semiconductor USB1T1102 Datasheet HTML 8Page - Fairchild Semiconductor USB1T1102 Datasheet HTML 9Page - Fairchild Semiconductor USB1T1102 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.fairchildsemi.com
6
Absolute Maximum Ratings(Note 4)
Recommended Operating
Conditions
Note 4: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristic tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 5: IO Absolute Maximum Rating must be observed.
DC Electrical Characteristics (Supply Pins)
Over recommended range of supply voltage and operating free air temperature (unless otherwise noted).
VCC (5V) = 4.0V to 5.5V or VREG (3.3V) = 3.0V to 3.6V, VCCIO = 1.65V to 3.6V
Supply Voltage (VCC)(5V)
−0.5V to +6.0V
I/O Supply Voltage (VCCIO)
−0.5V to +4.6V
Latch-up Current (ILU)
VI = −1.8V to +5.4V
150 mA
DC Input Current (IIK)
VI < 0
−50 mA
DC Input Voltage (VI)
(Note 5)
−0.5V to V
CCIO +5.5V
DC Output Diode Current (IOK)
VO > VCC or VO < 0
±50 mA
DC Output Voltage (VO)
(Note 5)
−0.5V to V
CCIO + 0.5V
Output Source or Sink Current (IO)
VO = 0 to VCC
Current for D
+, D− Pins
±50 mA
Current for RCV, Vm/Vp
±15 mA
DC VCC or GND Current
(ICC, IGND)
±100 mA
ESD Immunity Voltage (VESD);
Contact HBM
Pins D
+, D−, V
CC (5.5V) and GND
15kV
All Other Pins
6.5kV
Storage Temperature (TSTO)
−40°C to + 125°C
Power Dissipation (PTOT)
ICC (5V)
48 mW
ICCIO
9 mW
DC Supply Voltage VCC (5V)
4.0V to 5.5V
I/O DC Voltage VCCIO
1.65V to 3.6V
DC Input Voltage Range (VI)0V to VCCIO +5.5V
DC Input Range for AI/O (VAI/O)
0V to VCC
Pins D
+ and D−
0V to 3.6V
Operating Ambient Temperature
(TAMB)
−40°C to +85°C
Symbol
Parameter
Conditions
Limits
Units
−40°C to +85°C
Min
Typ
Max
VREG (3.3V)
Regulated Supply Output
Internal Regulator Option;
3.0
3.3
3.6
V
ILOAD ≤ 300 µA
(Note 6)(Note 7)
ICC
Operating Supply Current (VCC5.0)
Transmitting and Receiving at
4.0
8.0
mA
12 Mbits/s; CLOAD = 50 pF (D+, D−)
(Note 8)
ICCIO
I/O Operating Supply Current
Transmitting and Receiving at
1.0
2.0
mA
12 Mbits/s
(Note 8)
ICC (IDLE)
Supply Current during
IDLE: VD+ ≥ 2.7V, VD− ≤ 0.3V;
300
µA
FS IDLE and SE0 (VCC5.0)
SE0: VD+ ≤ 0.3V, VD− ≤ 0.3V
(Note 9)
ICCIO (STATIC)
I/O Static Supply Current
IDLE, SUSPND or SE0
20.0
µA
ICC(SUSPND)
Suspend Supply Current
SUSPND
= HIGH
25.0
µA
USB1T1102
OE
= HIGH
(Note 9)
Vm = Vp = OPEN
Suspend Supply Current
SUSPND
= HIGH
40.0
USB1T1102R
OE
= HIGH
(Note 10)
Vp = Vm = OPEN
ICCIO(SHARING) I/O Sharing Mode Supply Current
VCC (5V) Not Connected
20.0
µA
ID+ (SHARING)
Sharing Mode Load Current on
VCC (5V) Not Connected
10.0
µA
D
+/D− Pins
Config
= LOW; V
D
± = 3.6V


Similar Part No. - USB1T1102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1T1103 FAIRCHILD-USB1T1103 Datasheet
1Mb / 15P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1103 FAIRCHILD-USB1T1103 Datasheet
1Mb / 16P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1103MHX FAIRCHILD-USB1T1103MHX Datasheet
1Mb / 15P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1103MHX FAIRCHILD-USB1T1103MHX Datasheet
1Mb / 16P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1103MHX FAIRCHILD-USB1T1103MHX Datasheet
1Mb / 16P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
More results

Similar Description - USB1T1102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1T1104 FAIRCHILD-USB1T1104 Datasheet
360Kb / 13P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1105A FAIRCHILD-USB1T1105A Datasheet
304Kb / 12P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1103 FAIRCHILD-USB1T1103_06 Datasheet
1Mb / 16P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1103 FAIRCHILD-USB1T1103 Datasheet
1Mb / 15P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USBIT1103 FAIRCHILD-USBIT1103 Datasheet
1Mb / 16P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
logo
Intel Corporation
8X931AA INTEL-8X931AA Datasheet
226Kb / 30P
   UNIVERSAL SERIAL BUS PERIPHERAL CONTROLLERS
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
NXP Semiconductors
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com