Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US2K Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # US2K
Description  Ultrafast Recovery SMD Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

US2K Datasheet(HTML) 2 Page - Diotec Semiconductor

  US2K Datasheet HTML 1Page - Diotec Semiconductor US2K Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US2A ... US2M
Characteristics
Kennwerte
Type
Typ
Reverse recovery time
Sperrverzugszeit
t
rr [ns]
1
)
Forward voltage
Durchlass-Spannung
V
F [V]
at / bei
I
F [A]
US2A...US2D
< 50
< 1.0
2
US2G
< 50
< 1.25
2
US2J...US2M
< 75
< 1.7
2
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
IR
IR
< 5 µA
< 200 µA
Typical junction capacitance
Typische Sperrschichtkapzität
VR = 4 V
Cj
15 pF
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 50 K/W 2)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthL
< 15 K/W
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
I
F = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
2
Mounted on P.C. board with 50 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current vs. temp. of the terminals
in Abh. v. d. Temp. der Terminals
Zul. Richtstrom
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
T
150
100
50
0
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
[V]
V
F
10
1
0.1
10
10
-2
-3
US2A...D
US2G
US2J...M
T = 25°C
j


Similar Part No. - US2K

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2K SSE-US2K Datasheet
17Kb / 1P
   SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Nanjing International G...
US2K DGNJDZ-US2K Datasheet
115Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
Frontier Electronics.
US2K FRONTIER-US2K Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2K YIXIN-US2K Datasheet
158Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
DAESAN ELECTRONIC CORP.
US2K DAESAN-US2K Datasheet
384Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
More results

Similar Description - US2K

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
US3A DIOTEC-US3A_15 Datasheet
143Kb / 2P
   Ultrafast Recovery SMD Rectifier Diodes
SUF4001 DIOTEC-SUF4001_15 Datasheet
151Kb / 2P
   Ultrafast Recovery SMD Rectifier Diodes
US1A DIOTEC-US1A_15 Datasheet
143Kb / 2P
   Ultrafast Recovery SMD Rectifier Diodes
US1A DIOTEC-US1A_17 Datasheet
135Kb / 2P
   Ultrafast Recovery SMD Rectifier Diodes
USL1A DIOTEC-USL1A_15 Datasheet
148Kb / 2P
   Ultrafast Recovery SMD Rectifier Diodes
US1A DIOTEC-US1A_18 Datasheet
150Kb / 2P
   Ultrafast Recovery SMD Rectifier Diodes
US2A DIOTEC-US2A_18 Datasheet
149Kb / 2P
   Ultrafast Recovery SMD Rectifier Diodes
UF4003GP DIOTEC-UF4003GP Datasheet
125Kb / 2P
   Ultrafast Recovery Rectifier Diodes
UF4001 DIOTEC-UF4001_15 Datasheet
134Kb / 2P
   Ultrafast Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
1N5807 EIC-1N5807 Datasheet
98Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com