Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P600J Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # P600J
Description  Standard Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P600J Datasheet(HTML) 2 Page - Diotec Semiconductor

  P600J Datasheet HTML 1Page - Diotec Semiconductor P600J Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P600A ... P600U
Characteristics
Kennwerte
Forward voltage – Durchlass-Spannung
Tj = 25°C
IF = 5 A
IF = 6 A
VF
VF
< 1.0 V
< 1.1 V
Leakage current – Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 10 µA
Typical junction capacitance
Typische Sperrschichtkapzität
VR = 4 V
Cj
40 pF
Reverse recovery time
Sperrverzug
IF = 0.5 A through/über
IR = 1 A to IR = 0.25 A
trr
typ. 1500 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 20 K/W 1)
Thermal resistance junction to leads
Wärmewiderstand Sperrschicht – Anschlussdraht
RthL
< 4 K/W
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder oder Internet
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
10
10
10
1
10
3
2
-1
[A]
I
F
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
400a-(5a-1v)
Peak forward surge current versus number of cycles at 50 Hz
Durchlass-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
10
3
2
[A]
î
F
1
10
10
[n]
10
2
3


Similar Part No. - P600J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P600J PANJIT-P600J Datasheet
50Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
SUNMATE electronic Co.,...
P600J SUNMATE-P600J Datasheet
87Kb / 2P
   6.0A Axial Leaded Rectifier
logo
Won-Top Electronics
P600J WTE-P600J Datasheet
43Kb / 4P
   6.0A STANDARD DIODE
logo
Gulf Semiconductor
P600J GULFSEMI-P600J Datasheet
180Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 6.0A
logo
Transys Electronics
P600J TRSYS-P600J Datasheet
144Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
More results

Similar Description - P600J

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N4001 DIOTEC-1N4001_1 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
BYW27-50 DIOTEC-BYW27-50 Datasheet
136Kb / 2P
   Standard Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
BY2000 SUNMATE-BY2000 Datasheet
551Kb / 2P
   STANDARD RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
P2500A DIOTEC-P2500A_15 Datasheet
138Kb / 2P
   Standard Recovery Rectifier Diodes
PX1500A DIOTEC-PX1500A_15 Datasheet
140Kb / 2P
   Standard Recovery Rectifier Diodes
BY251 DIOTEC-BY251_15 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
P2000A DIOTEC-P2000A_15 Datasheet
138Kb / 2P
   Standard Recovery Rectifier Diodes
P2000ATL DIOTEC-P2000ATL_15 Datasheet
138Kb / 2P
   Standard Recovery Rectifier Diodes
1N4001 DIOTEC-1N4001_17 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
1N4001S DIOTEC-1N4001S Datasheet
143Kb / 2P
   Standard Recovery Rectifier Diodes
1N5059 DIOTEC-1N5059_15 Datasheet
136Kb / 2P
   Standard Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com