Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4090B-FN Datasheet(PDF) 19 Page - TEMIC Semiconductors

Part # U4090B-FN
Description  Monolithic Integrated Feature Phone Circuit
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4090B-FN Datasheet(HTML) 19 Page - TEMIC Semiconductors

Back Button U4090B-FN Datasheet HTML 15Page - TEMIC Semiconductors U4090B-FN Datasheet HTML 16Page - TEMIC Semiconductors U4090B-FN Datasheet HTML 17Page - TEMIC Semiconductors U4090B-FN Datasheet HTML 18Page - TEMIC Semiconductors U4090B-FN Datasheet HTML 19Page - TEMIC Semiconductors U4090B-FN Datasheet HTML 20Page - TEMIC Semiconductors U4090B-FN Datasheet HTML 21Page - TEMIC Semiconductors U4090B-FN Datasheet HTML 22Page - TEMIC Semiconductors U4090B-FN Datasheet HTML 23Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
U4090B
Preliminary Information
TELEFUNKEN Semiconductors
Rev. C1, 28-Oct-96
19 (34)
Parameters
Test Conditions / Pin
Symbol
Min
Typ
Max
Unit
Figure
MUTR Input
MUTR input current
VMUTR = GND
IL > 14 mA
VMUTR = VMP
IMUTE
–20
+10
–30
mA
32
MUTR input voltage
Mute low; IL >
14 mA
VMUTE
0.3
V
32
MUTR input voltage
Mute high;
IL > 14 mA
VMUTE
VMP-0.3
V
V
32
PD Input
PD input current
PD active, IL >
14 mA VPD = VMP
Ipd
9
uA
32
Input voltage
PD = active
PD = inactive
Vpd
Vpd
2
0.3
V
32
Voltage drop at VL
IL = 14 mA,
PD = active
IL = 100 mA,
PD = active
VL
VL
1.5
1.9
V
32
Input characteristics of IMPSEL
Input current
IL
w 14 mA
VIMPSEL = VMP
VIMPSEL = GND
IIMPSEL
IIMPSEL
18
–18
mA
mA
32
Input voltage
Input high
VIMPSEL
VMP-0.3
V
V
32
Input voltage
Input low
VIMPSEL
0.3
V
32
MUTX input
Input current
VMUTX = VMP
VMUTX = GND
IMUTX
IMUTX
20
–20
30
–30
mA
mA
32
Input voltage
Input high
VMUTX
VMP-0.3
V
V
32
Input voltage
Input low
VMUTX
0.3
V
32
Line detection
Line current for LIDET
active
PD = inactive
ILON
12.6
mA
26
Line current for LIDET
inactive
PD = inactive
ILOFF
11.0
mA
26
Current threshold during
power down
VB = 5 V, PD = ac-
tive
ILONPD
0.8
1.6
2.4
mA
26


Similar Part No. - U4090B-FN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4090B-FN ATMEL-U4090B-FN Datasheet
677Kb / 34P
   Monolithic Integrated Feature Phone Circuit
More results

Similar Description - U4090B-FN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4089B-P ATMEL-U4089B-P Datasheet
552Kb / 26P
   Monolithic Integrated Feature Phone Circuit
logo
TEMIC Semiconductors
U4092B TEMIC-U4092B Datasheet
652Kb / 32P
   Monolithic Integrated Feature Phone Circuit
logo
ATMEL Corporation
U209B ATMEL-U209B Datasheet
677Kb / 34P
   Monolithic Integrated Feature Phone Circuit
U4089B-P ATMEL-U4089B-P_05 Datasheet
650Kb / 26P
   Monolithic Integrated Feature Phone Circuit
U4090B-P ATMEL-U4090B-P Datasheet
615Kb / 35P
   Monolithic Integrated Feature Phone Circuit EMI Improved
logo
TEMIC Semiconductors
U3800BM TEMIC-U3800BM Datasheet
1Mb / 31P
   Multi Standard Feature Phone Integrated Circuit
U3810BM TEMIC-U3810BM Datasheet
497Kb / 31P
   Multi Standard Feature Phone Integrated Circuit
logo
Zarlink Semiconductor I...
MT9196 ZARLINK-MT9196 Datasheet
635Kb / 46P
   Integrated Digital Phone Circuit (IDPC)
logo
Motorola, Inc
TCA3386 MOTOROLA-TCA3386 Datasheet
48Kb / 1P
   Single chip feature phone IC
logo
List of Unclassifed Man...
U2531B ETC1-U2531B Datasheet
269Kb / 1P
   Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com