Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB3410 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB3410 Datasheet HTML 1Page - Texas Instruments TUSB3410 Datasheet HTML 2Page - Texas Instruments TUSB3410 Datasheet HTML 3Page - Texas Instruments TUSB3410 Datasheet HTML 4Page - Texas Instruments TUSB3410 Datasheet HTML 5Page - Texas Instruments TUSB3410 Datasheet HTML 6Page - Texas Instruments TUSB3410 Datasheet HTML 7Page - Texas Instruments TUSB3410 Datasheet HTML 8Page - Texas Instruments TUSB3410 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
v
6
DMA Controller
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1
DMA Controller Registers
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1.1
DMACDR1: DMA Channel Definition Register (UART Transmit
Channel) (Addr:FFE0)
6–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1.2
DMACSR1: DMA Control And Status Register (UART Transmit
Channel) (Addr:FFE1)
6–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1.3
DMACDR3: DMA Channel Definition Register (UART Receive
Channel) (Addr:FFE4)
6–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1.4
DMACSR3: DMA Control And Status Register (UART Receive
Channel) (Addr:FFE5)
6–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2
Bulk Data I/O Using the EDB
6–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2.1
IN Transaction (TUSB3410 to Host)
6–5
. . . . . . . . . . . . . . . . . . .
6.2.2
OUT Transaction (Host to TUSB3410)
6–6
. . . . . . . . . . . . . . . . .
7
UART
7–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1
UART Registers
7–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1.1
RDR: Receiver Data Register (Addr:FFA0)
7–1
. . . . . . . . . . . . .
7.1.2
TDR: Transmitter Data Register (Addr:FFA1)
7–1
. . . . . . . . . . .
7.1.3
LCR: Line Control Register (Addr:FFA2)
7–2
. . . . . . . . . . . . . . .
7.1.4
FCRL: UART Flow Control Register (Addr:FFA3)
7–3
. . . . . . . .
7.1.5
Transmitter Flow Control
7–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1.6
MCR: Modem-Control Register (Addr:FFA4)
7–5
. . . . . . . . . . . .
7.1.7
LSR: Line-status Register (Addr:FFA5)
7–6
. . . . . . . . . . . . . . . .
7.1.8
MSR: Modem-Status Register (Addr:FFA6)
7–7
. . . . . . . . . . . .
7.1.9
DLL: Divisor Register Low Byte (Addr:FFA7)
7–8
. . . . . . . . . . .
7.1.10
DLH: Divisor Register High Byte (Addr:FFA8)
7–8
. . . . . . . . . . .
7.1.11
Baud-rate Calculation
7–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1.12
XON: Xon Register (Addr:FFA9)
7–9
. . . . . . . . . . . . . . . . . . . . . .
7.1.13
XOFF: Xoff Register (Addr:FFAA)
7–9
. . . . . . . . . . . . . . . . . . . . .
7.1.14
MASK: UART Interrupt-Mask Register (Addr:FFAB)
7–10
. . . . .
7.2
UART Data Transfer
7–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.2.1
Receiver Data Flow
7–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.2.2
Hardware Flow Control
7–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.2.3
Auto RTS (Receiver Control)
7–11
. . . . . . . . . . . . . . . . . . . . . . . . .
7.2.4
Auto CTS (Transmitter Control)
7–11
. . . . . . . . . . . . . . . . . . . . . . .
7.2.5
Xon/Xoff Receiver Flow Control
7–12
. . . . . . . . . . . . . . . . . . . . . . .
7.2.6
Xon/Xoff Transmit Flow Control
7–12
. . . . . . . . . . . . . . . . . . . . . . .
8
Expanded GPIO Port
8–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.1
Input/Output and Control Registers
8–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.1.1
PUR_3: GPIO Pullup Register For Port 3 (Addr:FF9E)
8–1
. . .
9
Interrupts
9–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.1
8052 Interrupt and Status Registers
9–1
. . . . . . . . . . . . . . . . . . . . . . . . . . .
9.1.1
8052 Standard Interrupt Enable (SIE) Register
9–1
. . . . . . . . .
9.1.2
Additional Interrupt Sources
9–1
. . . . . . . . . . . . . . . . . . . . . . . . . .
9.1.3
VECINT: Vector Interrupt Register (Addr:FF92)
9–2
. . . . . . . . .
9.1.4
Logical Interrupt Connection Diagram (Internal/External)
9–3
.


Similar Part No. - TUSB3410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB3410 TI-TUSB3410 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TUSB3410-Q1 TI1-TUSB3410-Q1 Datasheet
1,009Kb / 94P
[Old version datasheet]   USB To Serial Port Controller
TUSB3410IRHB TI-TUSB3410IRHB Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TUSB3410IRHBG4 TI-TUSB3410IRHBG4 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TUSB3410IRHBR TI-TUSB3410IRHBR Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TUSB3410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB3410-Q1 TI1-TUSB3410-Q1 Datasheet
1,009Kb / 94P
[Old version datasheet]   USB To Serial Port Controller
TUSB3410 TI-TUSB3410_10 Datasheet
1Mb / 98P
[Old version datasheet]   USB to Serial Port Controller
logo
Prolific Technology Inc...
PL-2303HX PROLIFIC-PL-2303HX_V01 Datasheet
1Mb / 30P
   USB to Serial Bridge Controller
PL2303GS PROLIFIC-PL2303GS Datasheet
119Kb / 1P
   USB to Serial Bridge Controller
PL2303TA PROLIFIC-PL2303TA Datasheet
175Kb / 1P
   USB to Serial Bridge Controller
logo
List of Unclassifed Man...
PL-2303X ETC1-PL-2303X Datasheet
168Kb / 1P
   USB to Serial Bridge Controller
AU9720 ETC2-AU9720 Datasheet
277Kb / 16P
   USB to Serial Bridge Controller
logo
Prolific Technology Inc...
PL2303GC PROLIFIC-PL2303GC Datasheet
119Kb / 1P
   USB to Serial Bridge Controller
PL2303GL PROLIFIC-PL2303GL Datasheet
120Kb / 1P
   USB to Serial Bridge Controller
PL-2303HX PROLIFIC-PL-2303HX Datasheet
531Kb / 21P
   USB to Serial Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com