Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD25 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # PD25
Description  25W Dual Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PD25 Datasheet(HTML) 3 Page - Astrodyne Corporation

  PD25 Datasheet HTML 1Page - Astrodyne Corporation PD25 Datasheet HTML 2Page - Astrodyne Corporation PD25 Datasheet HTML 3Page - Astrodyne Corporation PD25 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
25W Dual Output Switching Power Supply
PD25 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
(HORIZONTAL)
(VERTICAL)
-10
-10
0
0
10
20
30
40
50
45
60
70
55
65
20
40
60
80
100
PWM
CIRCUIT
DETECTION
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V2
+V1
COM
I/P
FG
ING
CONTROL
200
80
2.1
60
2.7
3.3
3.9
4.5
140
100120
180
160
5.1
5.7
260
240
220
20
40
+5V
+5V
+3.3V
+3.3V
60
80
100
120
140
Ta=25
MECHANICAL SPECIFICATION
BLOCK DIAGRAM
OUTPUT DERATING - PD-2503
STATIC CHARACTERISTICS - PD-2503


Similar Part No. - PD25

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD25-CADG13 P-TEC-PD25-CADG13 Datasheet
23Kb / 1P
   Single Digit 7 Segment 1.2??LED Display
PD25-CADO12 P-TEC-PD25-CADO12 Datasheet
23Kb / 1P
   Single Digit 7 Segment 1.2??LED Display
PD25-CADR21 P-TEC-PD25-CADR21 Datasheet
23Kb / 1P
   Single Digit 7 Segment 1.2??LED Display
PD25-CADR21 P-TEC-PD25-CADR21 Datasheet
23Kb / 1P
   PD25 Single Digit 7 Segment 1.2??LED Display
PD25-CADR21_0709 P-TEC-PD25-CADR21_0709 Datasheet
23Kb / 1P
   PD25 Single Digit 7 Segment 1.2??LED Display
More results

Similar Description - PD25

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PD-25 RSG-PD-25 Datasheet
221Kb / 2P
   25W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-25 MEANWELL-PD-25 Datasheet
418Kb / 2P
   25W Dual Output Switching Power Supply
logo
XP Power Limited
PD-25A XPPOWER-PD-25A Datasheet
838Kb / 4P
   25W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-25 MEANWELL-PD-25_11 Datasheet
421Kb / 2P
   25W Dual Output Switching Power Supply
PD-2503 MEANWELL-PD-2503 Datasheet
317Kb / 2P
   25W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25_11 Datasheet
349Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com