Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS100-27 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # LPS100-27
Description  100W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LPS100-27 Datasheet(HTML) 2 Page - Astrodyne Corporation

  LPS100-27 Datasheet HTML 1Page - Astrodyne Corporation LPS100-27 Datasheet HTML 2Page - Astrodyne Corporation LPS100-27 Datasheet HTML 3Page - Astrodyne Corporation LPS100-27 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
100W Single Output Switching Power Supply
LPS100 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
88 ~ 132 VAC / 176~264 VAC auto switch
248~370 Volts(DC)
Frequency Range
47-63 Hz
Inrush Current, typ: (cold start)30Amps@115VAC / 60Amps@230VAC
Input Current, typ.
2.3Amps@115VAC
1.5Amps@230VAC
Leakage current
< 1mAmps /240VAC
Min Load
See Selection Chart
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation
±0.5%
Load Regulation
±2.0%: 3.3~5Volts(DC)
±1.5%: .5~15Volts(DC)
±0.5%: 24~48Volts(DC)
Voltage Tolerance (Note2)
See Selection Chart
Ripple/Noise (Note 1)
See Selection Chart
Hold Up Time,typ @ FL
20mS/230VAC
20mS/115VAC
Setup, Rise Time @ FL
800ms, 50m/230VAC
1200mS, 50mS/115VAC
Over Voltage Protection
3.8 ~ 4.45Volt(DC): 3.3Volts(DC)
5.75 ~ 6.75Volt(DC): 5Volts(DC)
9.4 ~ 10.9Volt(DC): 7.5Volts(DC)
13.8 ~ 16.2Volt(DC): 12Volts(DC)
15.5 ~ 18.2Volt(DC): 13.5Volts(DC)
18 ~ 21Volt(DC): 15Volts(DC)
27.6~ 32.4Volt(DC): 24Volts(DC)
33.7 ~ 39.2Volt(DC): 5Volts(DC)
57.6~ 67.2Volt(DC): 48Volts(DC)
Hiccup mode, auto recover
Over Current Protection
105 ~ 140% (+24Volts: above 6.5Amps)
rated output power
Hiccup mode, auto recover
DC Volt Adjust
See Selection Chart
GENERAL SPECIFICATIONS
Safety
UL60950-1,
TUV EN60950-1 Approved
Insulation Resistance
≥ 100MΩ / 500Volts(DC)
EMI
Compliance to EN55022B (CISPR22B)
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency, typ.
69% (LPS-100-3.3)
77% (LPS-100-5/7.5)
79% (LPS-100-12/13.5)
80% (LPS-100-15/24)
81% (LPS-100-27/48)
Isolation
3000VAC Input - Output
1500VAC Input - Ground
500VAC Output - Ground
EMS
Compliance to EN61000-4-2,3,4,5,6,8,11
light Industry Level, Criteria A
Remote ON/OFF
RC+/RC-: 0~0.8Volts(DC)= power On
4~10Volts(DC)= power Off
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-10°C to +60°C (See Derate Curve)
Storage Temperature
-20°C to +85°C, 10~95% RH
Relative Humidity
20~90% RH non cond
Temperature Coefficient
±0.05% / °C (0-50°C)
MTBF
203.6KHrs min,MIL-HDBK-217F(25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
Millimeters
222 x 62 x 32
Inches
8.74” x 2.44 ” x 1.26 ”
Weight
15.87 oz (450g)
NOTE
1. Ripple & noise are measured at 20MHz of bandwidth by using a 12”
twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
2. Tolerance : includes set up tolerance, line regulation and load regula-
tion.
3. If the input range 85V-89V, the output load is changed from 0A-rated
load, There will be reduced 20V for 1second (LPS-100-24).
4. Mounting holes M1 and M2 should be grounded for EMI purposes.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Similar Part No. - LPS100-27

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS100-M EMERSON-NETWORKPOWER-LPS100-M Datasheet
618Kb / 3P
   Medical and ITE safeties
LPS100-M EMERSON-NETWORKPOWER-LPS100-M Datasheet
643Kb / 3P
   150 Watts Medical and ITE safeties
LPS100-M EMERSON-NETWORKPOWER-LPS100-M Datasheet
419Kb / 3P
   150 Watts
logo
Artesyn Technologies
LPS100-M ARTESYN-LPS100-M Datasheet
678Kb / 3P
   EN61000-3-2 compliant
logo
Emerson Network Power
LPS100-M EMERSON-NETWORKPOWER-LPS100-M_09 Datasheet
643Kb / 3P
   150 Watts Medical and ITE safeties
More results

Similar Description - LPS100-27

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
LPV-100 MEANWELL-LPV-100 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100_1107 MEANWELL-LPV-100_1107 Datasheet
1Mb / 2P
   100W Single Output Switching Power Supply
PLC-100 MEANWELL-PLC-100_12 Datasheet
225Kb / 3P
   100W Single Output Switching Power Supply
logo
XP Power Limited
CLG-100-12 XPPOWER-CLG-100-12 Datasheet
198Kb / 2P
   100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-100 RSG-RS-100 Datasheet
161Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com