Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2373 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2373
Description  FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2373 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2373 Datasheet HTML 3Page - Texas Instruments TLV2373 Datasheet HTML 4Page - Texas Instruments TLV2373 Datasheet HTML 5Page - Texas Instruments TLV2373 Datasheet HTML 6Page - Texas Instruments TLV2373 Datasheet HTML 7Page - Texas Instruments TLV2373 Datasheet HTML 8Page - Texas Instruments TLV2373 Datasheet HTML 9Page - Texas Instruments TLV2373 Datasheet HTML 10Page - Texas Instruments TLV2373 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TLV2370, TLV2371, TLV2372, TLV2373, TLV2374, TLV2375
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS270C − MARCH 2001 − REVISED DECEMBER 2003
7
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics at specified free-air temperature, VDD = 2.7 V, 5 V, and 15 V (unless
otherwise noted) (continued)
dynamic performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
UGBW
Unity gain bandwidth
RL = 2 kΩ,
VDD = 2.7 V
25
°C
2.4
MHz
UGBW
Unity gain bandwidth
RL = 2 kΩ,
CL = 10 pF
VDD = 5 V to 15 V
25
°C
3
MHz
VDD = 2.7 V
25
°C
1.4
2
V/ s
V
= V
/2,
VDD = 2.7 V
Full range
1
V/
µs
SR
Slew rate at unity gain
VO(PP) = VDD/2,
CL = 50 pF,
VDD = 5 V
25
°C
1.6
2.4
V/ s
SR
Slew rate at unity gain
O(PP)
DD
CL = 50 pF,
RL = 10 kΩ
VDD = 5 V
Full range
1.2
V/
µs
RL = 10 kΩ
VDD = 15 V
25
°C
1.9
2.1
V/ s
VDD = 15 V
Full range
1.4
V/
µs
φm
Phase margin
RL = 2 kΩ,
CL = 100 pF
25
°C
65
°
Gain margin
RL = 2 kΩ,
CL = 10 pF
25
°C
18
dB
ts
Settling time
VDD = 2.7 V,
V(STEP)PP = 1 V, AV = −1,
CL = 10 pF,
RL = 2 kΩ
0.1%
25
°C
2.9
s
ts
Settling time
VDD = 5 V, 15 V,
V(STEP)PP = 1 V, AV = −1,
CL = 47 pF,
RL = 2 kΩ
0.1%
25
°C
2
µs
noise/distortion performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VDD = 2.7 V,
AV = 1
0.02%
VDD = 2.7 V,
VO(PP) = VDD/2 V,
R = 2 k , f = 10 kHz
AV = 10
25
°C
0.05%
THD + N
Total harmonic distortion plus noise
VO(PP) = VDD/2 V,
RL = 2 kΩ, f = 10 kHz
AV = 100
25 C
0.18%
THD + N
Total harmonic distortion plus noise
VDD = 5 V, 15 V,
AV = 1
0.02%
VDD = 5 V, 15 V,
VO(PP) = VDD/2 V,
R = 2 k , f = 10 kHz
AV = 10
25
°C
0.09%
VO(PP) = VDD/2 V,
RL = 2 kΩ, f = 10 kHz
AV = 100
25 C
0.5%
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
39
nV/
√Hz
Vn
Equivalent input noise voltage
f = 10 kHz
25
°C
35
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.6
fA /
√Hz
shutdown characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VDD = 2.7 V, 5 V,
25
°C
25
30
A
IDD(SHDN)
Supply current in shutdown mode (TLV2370,
VDD = 2.7 V, 5 V,
SHDN = 0 V
Full range
35
µA
IDD(SHDN)
Supply current in shutdown mode (TLV2370,
TLV2373, TLV2375) (per channel)
VDD = 15 V,
25
°C
40
45
A
TLV2373, TLV2375) (per channel)
VDD = 15 V,
SHDN = 0 V
Full range
50
µA
t(on)
Amplifier turnon time (see Note 2)
RL = 2 kΩ
25
°C
0.8
µs
t(off)
Amplifier turnoff time (see Note 2)
RL = 2 kΩ
25
°C
1
µs
NOTE 2: Disable time and enable time are defined as the interval between application of the logic signal to the SHDN terminal and the point at
which the supply current has reached one half of its final value.


Similar Part No. - TLV2373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2373 TI-TLV2373 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2373 TI1-TLV2373 Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
TLV2373ID TI-TLV2373ID Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2373ID TI1-TLV2373ID Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
TLV2373IDG4 TI-TLV2373IDG4 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV272 TI1-TLV272_12 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 550-A/Ch 3-MHz RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2455A TI-TLV2455A Datasheet
1Mb / 45P
[Old version datasheet]   FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com