Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB050E120T32N300 Datasheet(PDF) 5 Page - Vicor Corporation

Part # IB050E120T32N300
Description  4:1 Intermediate Bus Converter Module: Up to 300 W Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB050E120T32N300 Datasheet(HTML) 5 Page - Vicor Corporation

  IB050E120T32N300 Datasheet HTML 1Page - Vicor Corporation IB050E120T32N300 Datasheet HTML 2Page - Vicor Corporation IB050E120T32N300 Datasheet HTML 3Page - Vicor Corporation IB050E120T32N300 Datasheet HTML 4Page - Vicor Corporation IB050E120T32N300 Datasheet HTML 5Page - Vicor Corporation IB050E120T32N300 Datasheet HTML 6Page - Vicor Corporation IB050E120T32N300 Datasheet HTML 7Page - Vicor Corporation IB050E120T32N300 Datasheet HTML 8Page - Vicor Corporation IB050E120T32N300 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
IB0xxE120T32xx-xx
IBC MODULE
Rev 1.0
vicorpower.com
Page 5 of 16
03/2015
800 927.9474
SPECIFICATIONS (CONT.)
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Enable (negative logic)
Referenced to –IN
Module enable threshold
0.8
Vdc
Module enable current
VEN = 0.8 V
130
200
µA
Module disable threshold
2.4
Vdc
Module disable current
VEN = 2.4 V
130
µA
Disable hysteresis
500
mV
Enable pin open circuit voltage
2.5
3.0
Vdc
EN to –IN resistance
Open circuit, 10 V applied between EN and -IN
35
k
Ω
Enable (positive logic)
Referenced to –IN
Module enable threshold
2.0
2.5
3.0
Vdc
Module disable threshold
1.45
Vdc
EN source current (operating)
VEN = 5 V
2
mA
EN voltage (operating)
4.7
5
5.3
Vdc
Control & Interface Specifications
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
MTBF
Calculated per Telcordia SR-332, 40°C
1.0
Mhrs
Service life
Calculated at 30°C
7
Years
Over temperature shut down
TJ; Converter will reset when over
125
130
135
°C
temperature condition is removed
Dielectric withstand
Input to output
1,500
Vdc
Insulation resistance
Input to output
30
M
Ω
Mechanical
Weight
0.71 / 20.3
oz/g
Length
2.30 / 58.4
in / mm
Width
0.9 / 22.9
in / mm
Height above customer board
0.38 / 9.5
in / mm
Pin Solderability
Storage life for normal solderability
1
Years
Moisture Sensitivity Level
MSL
Not applicable, for wave soldering only
N/A
Clearance to customer board
From lowest component on IBC
0.12/ 0.30
in / mm
Agency approvals
UL / CSA 60950-1
cURus
UL / CSA 60950-1, EN60950-1
cTUVus
Altitude, operating
Derate operating temp 1°C
-500
10,000
Feet
per 1,000 feet above sea level
Relative humidity, Operating
Non condensing
10
90
%
RoHS compliance
Compatible with RoHS directive 2002 / 95 / EC
General Characteristics
Conditions: 25°C case, 75% rated load and specified input voltage range unless otherwise specified.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
OUTPUT CONT.
Pre-bias voltage
Unit will start up into a pre-bias
0
15
Vdc
voltage on the output.
Electrical Characteristics (Continued)


Similar Part No. - IB050E120T32N300

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB050E120T32N3-00 VICOR-IB050E120T32N3-00 Datasheet
996Kb / 17P
   4:1 Intermediate Bus Converter Module: Up to 300W Output
More results

Similar Description - IB050E120T32N300

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB048E120T32N1-00 VICOR-IB048E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E120T32N1-00 VICOR-IB050E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00_14 Datasheet
1Mb / 16P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00_14 Datasheet
3Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB050E120T40N1-00 VICOR-IB050E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048Q120T53N1-00 VICOR-IB048Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com