Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB050E120T40P100 Datasheet(PDF) 3 Page - Vicor Corporation

Part # IB050E120T40P100
Description  4:1 Intermediate Bus Converter Module: Up to 500 W Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB050E120T40P100 Datasheet(HTML) 3 Page - Vicor Corporation

  IB050E120T40P100 Datasheet HTML 1Page - Vicor Corporation IB050E120T40P100 Datasheet HTML 2Page - Vicor Corporation IB050E120T40P100 Datasheet HTML 3Page - Vicor Corporation IB050E120T40P100 Datasheet HTML 4Page - Vicor Corporation IB050E120T40P100 Datasheet HTML 5Page - Vicor Corporation IB050E120T40P100 Datasheet HTML 6Page - Vicor Corporation IB050E120T40P100 Datasheet HTML 7Page - Vicor Corporation IB050E120T40P100 Datasheet HTML 8Page - Vicor Corporation IB050E120T40P100 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IBC MODULE
Rev 1.0
vicorpower.com
Page 3 of 16
03/2015
800 927.9474
IB0xxE120T40xx-xx
SPECIFICATIONS (CONT.)
All specifications valid at 48 VIN , 100% rated load and 25°C ambient, unless otherwise indicated.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
INPUT RANGE SPECIFIC CHARACTERISTICS CONT.
IB050E120T40xx-xx
Operating input voltage
36
48
60
Vdc
Non-operating input surge withstand
<100 ms
75
Vdc
Operating input dv/dt
0.003
5
V/µs
Undervoltage protection
Turn-on
31
36
Vdc
Turn-off
29
34
Vdc
Turn-on / Turn-off hysteresis
2
Vdc
Time constant
7µs
Undervoltage blanking time
UV blanking time is enabled after start up
50
100
200
µs
Overvoltage protection
Turn-off
65
69
Vdc
Turn-on
60
69
Vdc
Time constant
4µs
Peak short circuit input current
40
A
DC Output voltage band
No load, over Vin range
9
12
15
Vdc
Output OVP set point
Module will shut down
16.2
Vdc
Dielectric withstand
Input to output; 1 min
2,250
Vdc
Insulation resistance
Input to output
30
M
Ω
IB054E120T40xx-xx
Operating input voltage
36
48
60
Vdc
Operating input surge withstand
<100 ms
75
Vdc
Operating input dv/dt
0.003
5
V/µs
Undervoltage protection
Turn-on
31
36
Vdc
Turn-off
29
34
Vdc
Turn-on / Turn-off hysteresis
2
Vdc
Time constant
7µs
Undervoltage blanking time
UV blanking time is enabled after start up
50
100
200
µs
Overvoltage protection
Turn-off
76
79.5
Vdc
Turn-on
75
78
Vdc
Time constant
4µs
Peak short circuit input current
30
A
DC Output voltage band
No load, over Vin range
9
12
15
Vdc
Output OVP set point
Module will shut down
16.2
Vdc
Dielectric withstand
Input to output; 1 min
2,250
Vdc
Insulation resistance
Input to output
30
M
Ω
COMMON INPUT SPECIFICATIONS
Turn ON delay
Start up inhibit
VIN reaching turn-on voltage
20
25
30
ms
to enable function operational, see Figure 6
Turn-on delay
Enable to 10% V
OUT; pre-applied VIN
,
50
µs
see Figure 7, 0 load capacitance
Electrical Characteristics (Continued)


Similar Part No. - IB050E120T40P100

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB050E120T40P1-00 VICOR-IB050E120T40P1-00 Datasheet
1Mb / 17P
   4:1 Intermediate Bus Converter Module: Up to 500W Output
More results

Similar Description - IB050E120T40P100

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB050E120T40N1-00 VICOR-IB050E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054E120T40N1-00 VICOR-IB054E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB050E096T48N1-00 VICOR-IB050E096T48N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054E096T48N1-00 VICOR-IB054E096T48N1-00 Datasheet
1,002Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E120T32N1-00 VICOR-IB048E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048Q120T53N1-00 VICOR-IB048Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054Q120T53N1-00 VICOR-IB054Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com