Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2370 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2370
Description  FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2370 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV2370 Datasheet HTML 10Page - Texas Instruments TLV2370 Datasheet HTML 11Page - Texas Instruments TLV2370 Datasheet HTML 12Page - Texas Instruments TLV2370 Datasheet HTML 13Page - Texas Instruments TLV2370 Datasheet HTML 14Page - Texas Instruments TLV2370 Datasheet HTML 15Page - Texas Instruments TLV2370 Datasheet HTML 16Page - Texas Instruments TLV2370 Datasheet HTML 17Page - Texas Instruments TLV2370 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TLV2370, TLV2371, TLV2372, TLV2373, TLV2374, TLV2375
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS270C − MARCH 2001 − REVISED DECEMBER 2003
14
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
rail-to-rail input operation
The TLV237x input stage consists of two differential transistor pairs, NMOS and PMOS, that operate together
to achieve rail-to-rail input operation. The transition point between these two pairs can be seen in Figures 1,
2, and 3 for a 2.7-V, 5-V, and 15-V supply. As the common-mode input voltage approaches the positive supply
rail, the input pair switches from the PMOS differential pair to the NMOS differential pair. This transition occurs
approximately 1.35 V from the positive rail and results in a change in offset voltage due to different device
characteristics between the NMOS and PMOS pairs. If the input signal to the device is large enough to swing
between both rails, this transition results in a reduction in common-mode rejection ratio (CMRR). If the input
signal does not swing between both rails, it is best to bias the signal in the region where only one input pair is
active. This is the region in Figures 1 through 3 where the offset voltage varies slightly across the input range
and optimal CMRR can be achieved. This has the greatest impact when operating from a 2.7-V supply voltage.
driving a capacitive load
When the amplifier is configured in this manner, capacitive loading directly on the output decreases the device’s
phase margin leading to high frequency ringing or oscillations. Therefore, for capacitive loads of greater than
10 pF, it is recommended that a resistor be placed in series (RNULL) with the output of the amplifier, as shown
in Figure 33. A minimum value of 20
Ω should work well for most applications.
CLOAD
RF
Input
Output
RG
RNULL
+
VDD/2
Figure 33. Driving a Capacitive Load
offset voltage
The output offset voltage, (VOO) is the sum of the input offset voltage (VIO) and both input bias currents (IIB) times
the corresponding gains. The following schematic and formula can be used to calculate the output offset
voltage:
V
OO +
V
IO
1
)
R
F
R
G
" I
IB
)
R
S
1
)
R
F
R
G
" I
IB–
R
F
+
VI
+
RG
RS
RF
IIB−
VO
IIB+
Figure 34. Output Offset Voltage Model


Similar Part No. - TLV2370

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2370 TI-TLV2370 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI1-TLV2370 Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
TLV2370ID TI-TLV2370ID Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370ID TI1-TLV2370ID Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
TLV2370IDBV TI-TLV2370IDBV Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2370

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV272 TI1-TLV272_12 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 550-A/Ch 3-MHz RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2455A TI-TLV2455A Datasheet
1Mb / 45P
[Old version datasheet]   FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com