Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC2262CD Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part No. TLC2262CD
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2262CD Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLC2262CD Datasheet HTML 24Page - Texas Instruments TLC2262CD Datasheet HTML 25Page - Texas Instruments TLC2262CD Datasheet HTML 26Page - Texas Instruments TLC2262CD Datasheet HTML 27Page - Texas Instruments TLC2262CD Datasheet HTML 28Page - Texas Instruments TLC2262CD Datasheet HTML 29Page - Texas Instruments TLC2262CD Datasheet HTML 30Page - Texas Instruments TLC2262CD Datasheet HTML 31Page - Texas Instruments TLC2262CD Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
28
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLC2264Q/M electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC2264Q,
TLC2264M
TLC2264AQ,
TLC2264AM
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
25
°C
300
2500
300
950
µV
VIO
Input offset voltage
Full range
3000
1500
µV
αVIO
Temperature coefficient of
Full range
2
2
µV/°C
αVIO
input offset voltage
Full range
2
2
µV/°C
Input offset voltage
long-term drift (see Note 4)
VIC = 0,
RS = 50 Ω
VO = 0,
25
°C
0.003
0.003
µV/mo
IIO
Input offset current
25
°C
0.5
0.5
pA
IIO
Input offset current
125
°C
800
800
pA
IIB
Input bias current
25
°C
1
1
pA
IIB
Input bias current
125
°C
800
800
pA
– 5
– 53
– 5
– 53
25
°C
– 5
to 4
– 5.3
to 4 2
– 5
to 4
– 5.3
to 4 2
VICR
Common-mode input
RS = 50 Ω,
25 C
to 4
to 4.2
to 4
to 4.2
V
VICR
voltage range
S
,
|VIO| ≤5 mV
– 5
– 5
V
voltage range
|VIO| ≤5 mV
Full range
– 5
to 3 5
– 5
to 3 5
Full range
to 3.5
to 3.5
IO = – 20 µA
25
°C
4.99
4.99
M
i
iti
k
IO = 100 µA
25
°C
4.85
4.94
4.85
4.94
VOM +
Maximum positive peak
output voltage
IO = – 100 µA
Full range
4.82
4.82
V
out ut voltage
IO = 400 µA
25
°C
4.7
4.85
4.7
4.85
IO = – 400 µA
Full range
4.5
4.5
VIC = 0,
IO = 50 µA
25
°C
– 4.99
– 4.99
M
i
ti
k
VIC =0
IO = 500 µA
25
°C
– 4.85
– 4.91
– 4.85
– 4.91
VOM –
Maximum negative peak
output voltage
VIC = 0,
IO = 500 µA
Full range
– 4.85
– 4.85
V
out ut voltage
VIC =0
IO =4 mA
25
°C
– 4
– 4.3
– 4
– 4.3
VIC = 0,
IO = 4 mA
Full range
– 3.8
– 3.8
L
i
l diff
ti l
RL =50kΩ
25
°C
80
200
80
200
AVD
Large-signal differential
voltage amplification
VO = ± 4 V
RL = 50 kΩ
Full range
50
50
V/mV
voltage am lification
RL = 1 MΩ
25
°C
1000
1000
ri(d)
Differential input resistance
25
°C
1012
1012
ri(c)
Common-mode input
resistance
25
°C
1012
1012
ci(c)
Common-mode input
capacitance
f = 10 kHz,
N package
25
°C
8
8
pF
zo
Closed-loop output
impedance
f = 100 kHz,
AV = 10
25
°C
220
220
CMRR
Common-mode
VIC = – 5 V to 2.7 V,
25
°C
75
88
75
88
dB
CMRR
rejection ratio
VO = 0,
RS = 50 Ω
Full range
75
75
dB
kSVR
Supply-voltage rejection
VDD
± = ±2.2 V to ±8 V,
25
°C
80
95
80
95
dB
kSVR
yg
j
ratio (
∆VDD±/∆VIO)
VIC = VDD /2,
No load
Full range
80
80
dB
IDD
Supply current
VO =0
No load
25
°C
0.85
1
0.85
1
mA
IDD
y
(four amplifiers)
VO = 0,
No load
Full range
1
1
mA
† Full range is – 40
°C to 125°C for Q suffix, – 55°C to 125°C for M suffix.
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLC2262CD

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLC2262CD TI-TLC2262CD Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2262CD TI-TLC2262CD Datasheet
1Mb / 76P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2262CD TI-TLC2262CD Datasheet
1Mb / 75P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2262CD TI1-TLC2262CD Datasheet
2Mb / 73P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2262CDG4 TI-TLC2262CDG4 Datasheet
1Mb / 76P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2262CD

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLC226X TI1-TLC226X_16 Datasheet
2Mb / 73P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X-Q1 TI-TLC227X-Q1 Datasheet
635Kb / 35P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO -RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274AMDRG4 TI-TLC2274AMDRG4 Datasheet
2Mb / 77P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz