Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC2262CD Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part No. TLC2262CD
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2262CD Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC2262CD Datasheet HTML 11Page - Texas Instruments TLC2262CD Datasheet HTML 12Page - Texas Instruments TLC2262CD Datasheet HTML 13Page - Texas Instruments TLC2262CD Datasheet HTML 14Page - Texas Instruments TLC2262CD Datasheet HTML 15Page - Texas Instruments TLC2262CD Datasheet HTML 16Page - Texas Instruments TLC2262CD Datasheet HTML 17Page - Texas Instruments TLC2262CD Datasheet HTML 18Page - Texas Instruments TLC2262CD Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
15
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLC2262I operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA†
TLC2262I
TLC2262AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Supply-voltage re-
VDD =4 4Vto16V
25
°C
80
95
80
95
kSVR
yg
jection ratio
(
∆VDD/∆VIO)
VDD = 4.4 V to 16 V,
VIC = VDD /2,
No load
Full
range
80
80
dB
25
°C
400
500
400
500
IDD
Supply current
VO = 2.5 V,
No load
Full
range
500
500
µA
Slew rate at unity
VO =1 5Vto3 5V
RL 50 kه
25
°C
0.35
0.55
0.35
0.55
SR
Slew rate at unity
gain
VO = 1.5 V to 3.5 V,
CL = 100 pF‡
RL = 50 kه,
Full
025
025
V/
µs
gain
CL = 100 F‡
range
0.25
0.25
V
Equivalent input
f = 10 Hz
25
°C
40
40
nV/
√Hz
Vn
q
noise voltage
f = 1 kHz
25
°C
12
12
nV/
√Hz
VN(PP)
Peak-to-peak
equivalent input
f = 0.1 Hz to 1 Hz
25
°C
0.7
0.7
µV
VN(PP)
equivalent input
noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1.3
1.3
µV
In
Equivalent input
noise current
25
°C
0.6
0.6
fA
√Hz
THD+N
Total harmonic
distortion plus
VO = 0.5 V to 2.5 V,
f
20 kHz
AV = 1
25
°C
0.017%
0.017%
THD + N
distortion plus
noise
f = 20 kHz,
RL = 50 kه
AV = 10
25
°C
0.03%
0.03%
Gain-bandwidth
f = 50 kHz,
RL = 50 kه,
25
°C
082
082
MHz
product
f
50 kHz,
CL = 100 pF‡
RL 50 kΩ ,
25
°C
0.82
0.82
MHz
BOM
Maximum output-
VO(PP) = 2 V,
AV = 1,
25
°C
185
185
kHz
BOM
swing bandwidth
O(PP)
,
RL = 50 kه,
V
,
CL = 100 pF‡
25
°C
185
185
kHz
AV = – 1,
To 0 1%
64
64
t
Settling time
AV = 1,
Step = 0.5 V to 2.5 V,
To 0.1%
25
°C
6.4
6.4
µs
ts
Settling time
,
RL = 50 kه,
To 0 01%
25
°C
14 1
14 1
µs
L
CL = 100 pF‡
To 0.01%
14.1
14.1
φm
Phase margin at
unity gain
RL = 50 kه,
CL = 100 pF‡
25
°C
56
°
56
°
Gain margin
L
,
L
25
°C
11
11
dB
† Full range is – 40
°C to 125°C.
‡ Referenced to 2.5 V


Similar Part No. - TLC2262CD

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLC2262CD TI-TLC2262CD Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2262CD TI-TLC2262CD Datasheet
1Mb / 76P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2262CD TI-TLC2262CD Datasheet
1Mb / 75P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2262CD TI1-TLC2262CD Datasheet
2Mb / 73P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2262CDG4 TI-TLC2262CDG4 Datasheet
1Mb / 76P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2262CD

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLC226X TI1-TLC226X_16 Datasheet
2Mb / 73P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X-Q1 TI-TLC227X-Q1 Datasheet
635Kb / 35P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO -RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274AMDRG4 TI-TLC2274AMDRG4 Datasheet
2Mb / 77P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz