Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR1251W Datasheet(PDF) 2 Page - CSB Battery Co., Ltd.

Part No. HR1251W
Description  Cells Per Unit 6 Voltage Per Unit 12
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CSB-BATTERY [CSB Battery Co., Ltd.]
Homepage  http://www.csb-battery.com
Logo 

HR1251W Datasheet(HTML) 2 Page - CSB Battery Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
68
Charge Voltage(V/Cell)
Application
Temperature
Set Point
Allowable Range
Max.Charge Current
Cycle Use
25 (77 )
2.45
2.40~2.50
Standby
25 (77 )
2.275
2.25~2.30
0.1PA
Final Discharge
Voltage V/Cell
1.75
1.70
1.60
1.30
Discharge
Power(W)
0.1P>(W) 0.1P (W)<0.25P
0.25P (W)<1.0P
(W) 1.0P
Charging Procedures
2.60
3
0
6
9
12
15
18
2.20
2.40
2.00
1.80
1.60
1.40
0.049
0.035
0.042
0.028
0.021
0.014
0.007
140
100
120
80
60
40
20
)Ratio
1PWx15Min
1PWx7.5Min
0.025PA
2.60
3
0
6
9
12
15
18
2.20
2.40
2.00
1.80
1.60
1.40
0.049
0.035
0.042
0.028
0.021
0.014
0.007
140
100
120
80
60
40
20
)Ratio
1PWx15Min
1PWx7.5Min
0.025PA
14.70V
2.45V
HR 1251W
12V 51W
GLOBAL HQ
CSB BATTERY CO., LTD. (TAIWAN)
Tel : +886-2-2880-5600
Fax : +886-2-2888-3300
mail : service@csb-battery.com.tw
AMERICA HQ
CSB BATTERY TECHNOLOGIES INC. (U.S.A)
Tel : +1-817-244-7777/1-(800)3-CSB-USA(272872)
Fax : +1-817-244-4445
mail : csb@csb-battery.com
EUROPE HQ
CSB Battery Europe BV.
Tel : +31(0)-180-418-140
Fax : +31(0)-180-418-327
mail : eurosales@csb-battery.eu
BEIJING OFFICE. (CHINA)
CSB BATTERY TECHNOLOGIES (BEIJING) CO., LTD.
Tel : +86-10-5820-5336/5338
Fax : +86-10-58203053
mail : chinasls@csb-battery.com
SHANGHAI OFFICE. (CHINA)
CSB BATTERY LOGISTIC (SHANGHAI) CO., LTD.
Tel : +86-21-5046-1622/5046-0833
Fax : +86-21-5064-1046
mail : chinasls@csb-battery.com
SHENZHEN OFFICE.( CHINA )
CSB BATTERY LOGISTIC ( SHANGHAI ) CO., LTD.
Tel : +86-755-8831-6488/6396/6356
Fax : +86-755-8831-6548
mail : she@csb-battery.com.cn


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn