Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8922J Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA8922J
Description  2 x 25 W class-D power amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922J Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA8922J Datasheet HTML 18Page - NXP Semiconductors TDA8922J Datasheet HTML 19Page - NXP Semiconductors TDA8922J Datasheet HTML 20Page - NXP Semiconductors TDA8922J Datasheet HTML 21Page - NXP Semiconductors TDA8922J Datasheet HTML 22Page - NXP Semiconductors TDA8922J Datasheet HTML 23Page - NXP Semiconductors TDA8922J Datasheet HTML 24Page - NXP Semiconductors TDA8922J Datasheet HTML 25Page - NXP Semiconductors TDA8922J Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
2003 Mar 20
22
Philips Semiconductors
Objective specification
2
× 25 W class-D power amplifier
TDA8922
16.12 Curves measured in reference design
The curves illustrated in Figs 20 and 21 are measured with
a specified load impedance. Spread in ZL (e.g. due to the
frequency characteristics of the loudspeaker) can trigger
the maximum current protection circuit; see Section 16.6.
The curves illustrated in Figs 30 and 31 show the effects
of supply pumping when only one single-ended channel is
driven with a low frequency signal; see Section 16.7.
handbook, halfpage
MGX324
Po (W)
10−2
10−1
110
102
THD
+ N
(%)
102
10
1
10−1
10−2
10−3
(1)
(2)
(3)
Fig.12 THD + N as a function of output power.
2
× 8 Ω SE; VP = ±20 V.
(1) 10 kHz.
(2) 1 kHz.
(3) 100 Hz.
handbook, halfpage
MGX327
fi (Hz)
10
102
103
104
105
THD
+ N
(%)
102
10
1
10−1
10−2
10−3
(1)
(2)
Fig.13 THD + N as a function of input frequency.
2
× 8 Ω SE; VP = ±20 V.
(1) Po =10W.
(2) Po =1W.


Similar Part No. - TDA8922J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8922BJ PHILIPS-TDA8922BJ Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8922BTH PHILIPS-TDA8922BTH Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CJ NXP-TDA8922CJ Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
More results

Similar Description - TDA8922J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com