Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8922J Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA8922J
Description  2 x 25 W class-D power amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922J Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA8922J Datasheet HTML 12Page - NXP Semiconductors TDA8922J Datasheet HTML 13Page - NXP Semiconductors TDA8922J Datasheet HTML 14Page - NXP Semiconductors TDA8922J Datasheet HTML 15Page - NXP Semiconductors TDA8922J Datasheet HTML 16Page - NXP Semiconductors TDA8922J Datasheet HTML 17Page - NXP Semiconductors TDA8922J Datasheet HTML 18Page - NXP Semiconductors TDA8922J Datasheet HTML 19Page - NXP Semiconductors TDA8922J Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
2003 Mar 20
16
Philips Semiconductors
Objective specification
2
× 25 W class-D power amplifier
TDA8922
16 APPLICATION INFORMATION
16.1
BTL application
When using the power amplifier in a mono BTL application
(for more output power), the inputs of both channels must
be connected in parallel and the phase of one of the inputs
must be inverted (see Fig.6). In principle the loudspeaker
can be connected between the outputs of the two
single-ended demodulation filters.
16.2
Pin MODE
For correct operation the switching voltage at pin MODE
should be debounced. If pin MODE is driven by a
mechanical switch an appropriate debouncing low-pass
filter should be used. If pin MODE is driven by an
electronic circuit or microcontroller then it should remain at
the mute voltage level for at least 100 ms before switching
back to the standby voltage level.
16.3
Output power estimation
The output power in several applications (SE and BTL)
can be estimated using the following expressions:
SE:
Maximum current:
should not exceed 4 A.
BTL:
Maximum current:
should not exceed 4 A.
Legend:
RL = load impedance
fosc = oscillator frequency
tmin = minimum pulse width (typical 190 ns)
VP = single-sided supply voltage (so, if supply is ±30 V
symmetrical, then VP =30V)
Po(1%) = output power just at clipping
Po(10%) = output power at THD = 10%
Po(10%) = 1.25 × Po(1%).
16.4
External clock
The minimum required symmetrical supply voltage for
external clock application is
±15 V (equally, the minimum
asymmetrical supply voltage for applications with an
external clock is 30 V).
When using an external clock the following accuracy of the
duty cycle of the external clock has to be taken into
account: 47.5% <
δ < 52.5%.
A possible solution for an external clock oscillator circuit is
illustrated in Fig.8.
P
o(1%)
R
L
R
L
0.6
+
---------------------
V
P
1t
min
f
osc
×
()
×
×
2
2R
L
×
------------------------------------------------------------------------------------------
=
I
o(peak)
V
P
1t
min
f
osc
×
()
×
R
L
0.6
+
-----------------------------------------------------
=
P
o(1%)
R
L
R
L
1.2
+
---------------------
2V
P
1t
min
f
osc
×
()
×
×
2
2R
L
×
---------------------------------------------------------------------------------------------
=
I
o(peak)
2V
P
1t
min
f
osc
×
()
×
R
L
1.2
+
---------------------------------------------------------
=
handbook, full pagewidth
1
14
7
2
11
13
10
4
5
6
89
12
3
CTC
0
0
+
ASTAB
ASTAB
+
−TRIGGER
+TRIGGER
RETRIGGER
MR
220
nF
5.6 V
4.3 V
HOP
GND
MBL468
HEF4047BT
VDD
360 kHz
320 kHz
VDDA
VSS
9.1 k
2 k
120 pF
RTC
CLOCK
RCTC
Fig.8 External oscillator circuit.


Similar Part No. - TDA8922J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8922BJ PHILIPS-TDA8922BJ Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8922BTH PHILIPS-TDA8922BTH Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CJ NXP-TDA8922CJ Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
More results

Similar Description - TDA8922J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com