Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

288VC32K401A1 Datasheet(PDF) 3 Page - CTS Corporation

Part # 288VC32K401A1
Description  Commercial Miniature 16mm Size Rotary Encoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

288VC32K401A1 Datasheet(HTML) 3 Page - CTS Corporation

  288VC32K401A1 Datasheet HTML 1Page - CTS Corporation 288VC32K401A1 Datasheet HTML 2Page - CTS Corporation 288VC32K401A1 Datasheet HTML 3Page - CTS Corporation 288VC32K401A1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
.086X.060
2.18X1.52
.402±.016
10.2±0.4
±.031
MTG. SURFACE
"A"±0.4
"L"±0.8
3/8-32UNEF-2A
±.016
2.92±0.08
HL'S(3)
.646
16.4
A
C
B
.115±.003
.284
7.3
.311±.005
7.9±0.13
.709
18.0
MAX.
.441
.335
11.2
MAX.
8.5
mm
INCH
DIMENSION :
10.00±0.08
.394±.003
B
C
A
Ø1.40(3) HL'S
.055
12.70
MAX.
.500
5.00±0.05
.197±.002
CENTER LINE OF ENCODER
.055
Ø1.40
(3) HL'S
.197±.005
.524±.005
13.30±0.13
5.00±0.13 (2)
.067
Ø1.70
(2) HL'S
.492
7.0±0.13
.098±.005
.276±.005
12.5
2.5±0.13(2)
MAX.
18.0
.709
B
A
16.4
C
.646
.016
0.8
0.4
7.9±0.13
.311±.005
10.2±0.4
.402±.016
"L"±
6.4
.252
MTG. SURFACE
"A"±
3/8-32UNEF-2A
.031
18.0
.709
MAX.
.031
0.8
3/8-32UNEF-2A
.311±.005
7.9±0.13
C
A
16.4
.646
.020
0.5 TRAVEL
(REFERENCE)
12.26
.483
10.76
.424
"A"±
.016
0.4
4.87
.192
MTG. SURFACE
"L"±
12.5
8.5
.492
.335
B
A
2.5±0.05
C
B
S2
S1
Ø1.40 (5)HL'S.
MTG. SURFACE
.121±.005
3.07±0.13
18.0
MAX.
.709
12.5
.492
.311±.005
7.9±0.13
.394±.003
.269
6.83
2.5±0.05
.197±.002
5.00±0.05
10.00±0.08
.646
0.39±.005
1.00±0.13(5)
.157
4.0
16.4
A
C
.098±.002
B
.098±.002
mm
INCH
mm
INCH
mm
INCH
288V Typical 2-bit Perpendicular to P.C. Board
288T Typical 2-bit Encoder With Solder Lug Terminals
MC-288V Typical 2-bit Encoder With Momentary Switch Perpendicular to P.C. Board
MC-288X
Typical 2-bit Encoder With Momentary Switch Parallel to P.C. Board
DIMENSION :
DIMENSION :
DIMENSION :
MAX.
8.5
.335
(2)
MAX.
8.5
.335
3 - 4
4/27/15
CTS Electrocomponents
www.ctscorp.com
© 2015 CTS Corporation. All rights reserved. Information subject to change.
12.26
10.76
.424
.483
.020
0.4
.016
.031
0.8
"A"±
"L"±
(REFERENCE)
MTG. SURFACE
0.5 TRAVEL
3/8-32 UNEF-2A


Similar Part No. - 288VC32K401A1

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
288 GILWAY-288 Datasheet
59Kb / 1P
   Subminiature Krypton Lams with Lens(Clear)-End
logo
CTS Corporation
288 CTS-288 Datasheet
523Kb / 4P
   16 mm Rotary Encoders
logo
WAGO Kontakttechnik Gmb...
288-304 WAGO-288-304 Datasheet
372Kb / 6P
   Relay module; Nominal input voltage: 24 VDC; 1 changeover contact
288-312 WAGO-288-312 Datasheet
261Kb / 6P
   Relay module; Nominal input voltage: 24 VDC
288-320 WAGO-288-320 Datasheet
289Kb / 6P
   Relay module; Nominal input voltage: 24 VDC; 1 make contact
More results

Similar Description - 288VC32K401A1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DP16 MACOM-DP16 Datasheet
161Kb / 2P
   16mm Rotary Encoder
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
   16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
logo
CTS Corporation
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
282T33L502A25A2 CTS-282T33L502A25A2 Datasheet
525Kb / 4P
   Industrial 16mm Size Conductive Plastic Precision Rotary Sensor
282TAAR103A25B1 CTS-282TAAR103A25B1 Datasheet
574Kb / 4P
   Industrial 16mm size Conductive Plastic Precision Rotary Sensor
logo
MultiDimension Technolo...
TMR3IH17 MULTIDIMENSION-TMR3IH17 Datasheet
721Kb / 4P
   Φ17 mm Compact Size Rotary Encoder
logo
CTS Corporation
284TAAR103A24B1 CTS-284TAAR103A24B1 Datasheet
908Kb / 2P
   Industrial 16mm size slim Conductive Plastic Precision Rotary Sensor
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
   Rotary Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com