Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8029 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8029
Description  Low power single card reader
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8029 Datasheet HTML 4Page - NXP Semiconductors TDA8029 Datasheet HTML 5Page - NXP Semiconductors TDA8029 Datasheet HTML 6Page - NXP Semiconductors TDA8029 Datasheet HTML 7Page - NXP Semiconductors TDA8029 Datasheet HTML 8Page - NXP Semiconductors TDA8029 Datasheet HTML 9Page - NXP Semiconductors TDA8029 Datasheet HTML 10Page - NXP Semiconductors TDA8029 Datasheet HTML 11Page - NXP Semiconductors TDA8029 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
2003 Oct 30
8
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
Additional features of the controller are:
• 80C51 central processing unit
• Full static operation
• Security bits: ROM 2 bits
• Encryption array of 64 bits
• 4-level priority structure
• 6 interrupt sources
• Full-duplex enhanced UART with framing error
detection and automatic address recognition
• Power control modes; clock can be stopped and
resumed, Idle mode and Power-down mode
• Wake-up from Power-down by falling edge on INT0_N,
INT1_N and RX with an embedded delay counter
• Programmable clock out
• Second DPTR register
• Asynchronous port reset
• Low EMI by inhibit ALE.
Table 1 gives a list of main features to get a better
understanding of the differences between a standard
80C51, an 8XC51FB and the embedded controller in the
TDA8029.
Table 2 shows an overview of the special function
registers.
Table 1
Principal blocks in 80C51, 8XC51FB and TDA8029
FEATURE
80C51
8XC51FB
TDA8029
ROM
4 kbytes
16 kbytes
16 kbytes
RAM
128 bytes
256 bytes
256 bytes
ERAM (MOVX)
no
256 bytes
512 bytes
PCA
no
yes
no
WDT
no
yes
no
T0
yes
yes
yes
T1
yes
yes
yes
T2
no
yes
yes
lowest interrupt
priority-vector 002Bh
lowest interrupt
priority-vector 002Bh
4-level priority interrupt
no
yes
yes
enhanced UART
no
yes
yes
delay counter
no
no
yes


Similar Part No. - TDA8029

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8029 NXP-TDA8029 Datasheet
275Kb / 59P
   Low power single card reader
Rev. 03-22 February 2005
TDA8029C1 NXP-TDA8029C1 Datasheet
275Kb / 59P
   Low power single card reader
Rev. 03-22 February 2005
TDA8029C2 NXP-TDA8029C2 Datasheet
275Kb / 59P
   Low power single card reader
Rev. 03-22 February 2005
TDA8029HL NXP-TDA8029HL Datasheet
275Kb / 59P
   Low power single card reader
Rev. 03-22 February 2005
More results

Similar Description - TDA8029

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8029 NXP-TDA8029 Datasheet
275Kb / 59P
   Low power single card reader
Rev. 03-22 February 2005
logo
SMSC Corporation
USB2227_0503 SMSC-USB2227_0503 Datasheet
172Kb / 5P
   Flash Card Reader Media Power Considerations
logo
List of Unclassifed Man...
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6369 ETC2-AU6369 Datasheet
525Kb / 30P
   USB 2.0 Single-Slot Flash Memory Card Reader
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
Prolific Technology Inc...
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
   USB 3.0 Single LUN Mass Storage Card Reader
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
   SIM CARD READER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com