Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF10CA Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SMF10CA
Description  SMD Transient Voltage Suppressor Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SMF10CA Datasheet(HTML) 2 Page - Diotec Semiconductor

  SMF10CA Datasheet HTML 1Page - Diotec Semiconductor SMF10CA Datasheet HTML 2Page - Diotec Semiconductor SMF10CA Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMF5.0 ... SMF220CA
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
Typ
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM 1)
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
unidirectional bidirectional
VWM [V]
ID [µA]
VBR min [V]
VBR max [V]
VC [V]
IPPM [A]
SMF5.0A
SMF5.0CA
5.0
400
6.4 *)
7.0 *)
9.2
21.74
SMF6.0A
SMF6.0CA
6.0
400
6.6 *)
7.4 *)
10.3
19.42
SMF6.5A
SMF6.5CA
6.5
250
7.2 *)
8.0 *)
11.2
17.86
SMF7.0A
SMF7.0CA
7.0
100
7.7 *)
8.6 *)
12.0
16.67
SMF7.5A
SMF7.5CA
7.5
50
8.3
9.2
12.9
15.50
SMF8.0A
SMF8.0CA
8.0
25
8.8
9.8
13.6
14.71
SMF8.5A
SMF8.5CA
8.5
10
9.4
10.4
14.4
13.89
SMF9.0A
SMF9.0CA
9.0
5
10.0
11.1
15.4
12.99
SMF10A
SMF10CA
10
2.5
11.1
12.3
17.0
11.76
SMF11A
SMF11CA
11
2.5
12.2
13.5
18.2
10.99
SMF12A
SMF12CA
12
2.5
13.3
14.7
19.9
10.05
SMF13A
SMF13CA
13
1
14.4
15.9
21.5
9.30
SMF14A
SMF14CA
14
1
15.6
17.2
23.2
8.62
SMF15A
SMF15CA
15
1
16.7
18.5
24.4
8.20
SMF16A
SMF16CA
16
1
17.8
19.7
26.0
7.69
SMF17A
SMF17CA
17
1
18.9
20.9
27.6
7.25
SMF18A
SMF18CA
18
1
20.0
22.1
29.2
6.85
SMF19A
SMF19CA
19
1
21.1
23.3
30.6
6.54
SMF20A
SMF20CA
20
1
22.2
24.5
32.4
6.17
SMF22A
SMF22CA
22
1
24.4
26.9
35.5
5.63
SMF24A
SMF24CA
24
1
26.7
29.5
38.9
5.14
SMF26A
SMF26CA
26
1
28.9
31.9
42.1
4.75
SMF28A
SMF28CA
28
1
31.1
34.4
45.4
4.41
SMF30A
SMF30CA
30
1
33.3
36.8
48.4
4.13
SMF33A
SMF33CA
33
1
36.7
40.6
53.3
3.75
SMF36A
SMF36CA
36
1
40.0
44.2
58.1
3.44
SMF40A
SMF40CA
40
1
44.4
49.1
64.5
3.10
SMF43A
SMF43CA
43
1
47.8
52.8
69.4
2.88
SMF45A
SMF45CA
45
1
50.0
55.3
72.7
2.75
SMF48A
SMF48CA
48
1
53.3
58.9
77.4
2.58
SMF51A
SMF51CA
51
1
56.7
62.7
82.4
2.43
SMF54A
SMF54CA
54
1
60.0
66.3
87.1
2.30
SMF58A
SMF58CA
58
1
64.4
71.2
93.6
2.14
SMF60A
SMF60CA
60
1
66.7
73.7
96.8
2.07
SMF64A
SMF64CA
64
1
71.1
78.6
103.0
1.94
SMF70A
SMF70CA
70
1
77.8
86.0
113.0
1.77
SMF75A
SMF75CA
75
1
83.3
92.1
121.0
1.65
SMF78A
SMF78CA
78
1
86.7
95.8
126.0
1.59
SMF80A
SMF80CA
80
1
88.8
97.6
129.0
1.55
SMF85A
SMF85CA
85
1
94.4
104.0
137.0
1.46
SMF90A
SMF90CA
90
1
100.0
111.0
146.0
1.37
SMF100A
SMF100CA
100
1
111.0
123.0
162.0
1.23
SMF110A
SMF110CA
110
1
122.0
135.0
177.0
1.13
SMF120A
SMF120CA
120
1
133.0
147.0
193.0
1.04
SMF130A
SMF130CA
130
1
144.0
159.0
209.0
0.96
SMF140A
SMF140CA
140
1
155.0
171.0
224.0
0.89
SMF150A
SMF150CA
150
1
167.0
185.0
243.0
0.82
SMF160A
SMF160CA
160
1
178.0
197.0
259.0
0.77
1
For bi-directional types having VWM ≤ 10V, the reverse current limit is doubled
Bidirektionale Typen mit VWM ≤ 10V haben die doppelte Sperrstromgrenze
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - SMF10CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMF10CA MCC-SMF10CA Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Guangdong Youtai Semico...
SMF10CA UMW-SMF10CA Datasheet
1Mb / 4P
   For surface mounted applications
logo
Shenzhen Luguang Electr...
SMF10CA LUGUANG-SMF10CA Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Dongguan City Niuhang E...
SMF10CA NIUHANG-SMF10CA Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Micro Commercial Compon...
SMF10CA MCC-SMF10CA Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Similar Description - SMF10CA

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P4SMAJ5.0 DIOTEC-P4SMAJ5.0_16 Datasheet
167Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_16 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppressor Diodes
SMF14B DIOTEC-SMF14B Datasheet
184Kb / 2P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A_1 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_16 Datasheet
165Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P4SMA220 DIOTEC-P4SMA220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
TGL41-6.8 DIOTEC-TGL41-6.8_16 Datasheet
168Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_17 Datasheet
150Kb / 3P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A Datasheet
157Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com