Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ33 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # P4SMAJ33
Description  SMD Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P4SMAJ33 Datasheet(HTML) 2 Page - Diotec Semiconductor

  P4SMAJ33 Datasheet HTML 1Page - Diotec Semiconductor P4SMAJ33 Datasheet HTML 2Page - Diotec Semiconductor P4SMAJ33 Datasheet HTML 3Page - Diotec Semiconductor P4SMAJ33 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P4SMAJ5.0 ... P4SMAJ170CA
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
Typ
Stand-off
voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM 1)
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
unidirectional
bidirectional
VWM [V]
ID [µA]
VBR min [V]
VBR max [V]
VC [V]
IPPM [A]
P4SMAJ5.0
P4SMAJ5.0C
5.0
800
6.4 *)
7.8 *)
10.3
38.8
P4SMAJ5.0A
P4SMAJ5.0CA
5.0
800
6.4 *)
7.0 *)
9.2
43.5
P4SMAJ6.5
P4SMAJ6.5C
6.5
500
7.2 *)
8.8 *)
12.3
32.5
P4SMAJ6.5A
P4SMAJ6.5CA
6.5
500
7.2 *)
8.0 *)
11.2
35.7
P4SMAJ7.0
P4SMAJ7.0C
7.0
200
7.8 *)
9.5 *)
13.3
30.1
P4SMAJ7.0A
P4SMAJ7.0CA
7.0
200
7.8 *)
8.7 *)
12.0
33.3
P4SMAJ7.5
P4SMAJ7.5C
7.5
100
8.3
10.1
14.3
28.0
P4SMAJ7.5A
P4SMAJ7.5CA
7.5
100
8.3
9.2
12.9
31.0
P4SMAJ8.0
P4SMAJ8.0C
8.0
50
8.9
10.9
15.0
26.7
P4SMAJ8.0A
P4SMAJ8.0CA
8.0
50
8.9
9.9
13.6
29.4
P4SMAJ8.5
P4SMAJ8.5C
8.5
10
9.4
11.5
15.9
25.2
P4SMAJ8.5A
P4SMAJ8.5CA
8.5
10
9.4
10.4
14.4
27.8
P4SMAJ9.0
P4SMAJ9.0C
9.0
5
10.0
12.2
16.9
23.7
P4SMAJ9.0A
P4SMAJ9.0CA
9.0
5
10.0
11.1
15.4
26.0
P4SMAJ10
P4SMAJ10C
10
5
11.1
13.5
18.8
21.3
P4SMAJ10A
P4SMAJ10CA
10
5
11.1
12.3
17.0
23.5
P4SMAJ11
P4SMAJ11C
11
5
12.2
14.9
20.1
19.9
P4SMAJ11A
P4SMAJ11CA
11
5
12.2
13.5
18.2
22.0
P4SMAJ12
P4SMAJ12C
12
5
13.3
16.2
22.0
18.2
P4SMAJ12A
P4SMAJ12CA
12
5
13.3
14.8
19.9
20.1
P4SMAJ13
P4SMAJ13C
13
5
14.4
17.6
23.8
16.8
P4SMAJ13A
P4SMAJ13CA
13
5
14.4
16.0
21.5
18.6
P4SMAJ14
P4SMAJ14C
14
5
15.6
19.0
25.8
15.5
P4SMAJ14A
P4SMAJ14CA
14
5
15.6
17.3
23.2
17.2
P4SMAJ15
P4SMAJ15C
15
5
16.7
20.4
26.9
14.9
P4SMAJ15A
P4SMAJ15CA
15
5
16.7
18.6
24.4
16.4
P4SMAJ16
P4SMAJ16C
16
5
17.8
21.7
28.8
13.9
P4SMAJ16A
P4SMAJ16CA
16
5
17.8
19.8
26.0
15.4
P4SMAJ17
P4SMAJ17C
17
5
18.9
23.1
30.5
13.1
P4SMAJ17A
P4SMAJ17CA
17
5
18.9
21.0
27.6
14.5
P4SMAJ18
P4SMAJ18C
18
5
20.0
24.4
32.2
12.4
P4SMAJ18A
P4SMAJ18CA
18
5
20.0
22.2
29.2
13.7
P4SMAJ20
P4SMAJ20C
20
5
22.2
27.1
35.8
11.2
P4SMAJ20A
P4SMAJ20CA
20
5
22.2
24.6
32.4
12.3
P4SMAJ22
P4SMAJ22C
22
5
24.4
29.8
39.4
10.2
P4SMAJ22A
P4SMAJ22CA
22
5
24.4
27.1
35.5
11.3
P4SMAJ24
P4SMAJ24C
24
5
26.7
32.6
43.0
9.3
P4SMAJ24A
P4SMAJ24CA
24
5
26.7
29.6
38.9
10.3
P4SMAJ26
P4SMAJ26C
26
5
28.9
35.3
46.6
8.6
P4SMAJ26A
P4SMAJ26CA
26
5
28.9
32.1
42.1
9.5
P4SMAJ28
P4SMAJ28C
28
5
31.1
37.9
50.0
8.0
P4SMAJ28A
P4SMAJ28CA
28
5
31.1
34.5
45.4
8.8
P4SMAJ30
P4SMAJ30C
30
5
33.3
40.1
53.5
7.5
P4SMAJ30A
P4SMAJ30CA
30
5
33.3
36.9
48.4
8.3
P4SMAJ33
P4SMAJ33C
33
5
36.7
44.8
59.0
6.8
P4SMAJ33A
P4SMAJ33CA
33
5
36.7
40.7
53.3
7.5
P4SMAJ36
P4SMAJ36C
36
5
40.0
48.4
64.3
6.2
1
For bi-directional types having VWM ≤ 10V, the reverse current limit is doubled
Bidirektionale Typen mit VWM ≤ 10V haben die doppelte Sperrstromgrenze
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - P4SMAJ33

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ33 PANJIT-P4SMAJ33 Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
SUNMATE electronic Co.,...
P4SMAJ33 SUNMATE-P4SMAJ33 Datasheet
727Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Shanghai Lunsure Electr...
P4SMAJ33 CHENYI-P4SMAJ33 Datasheet
422Kb / 6P
   400Watt transient voltage suppressors 5.0to170 volts
logo
SUNMATE electronic Co.,...
P4SMAJ33 SUNMATE-P4SMAJ33 Datasheet
727Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Surge Components
P4SMAJ33 SURGE-P4SMAJ33 Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
More results

Similar Description - P4SMAJ33

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_16 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppressor Diodes
SMF14B DIOTEC-SMF14B Datasheet
184Kb / 2P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A_1 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_16 Datasheet
165Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P4SMA220 DIOTEC-P4SMA220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
SMF5.0A DIOTEC-SMF5.0A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
TGL41-6.8 DIOTEC-TGL41-6.8_16 Datasheet
168Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_17 Datasheet
150Kb / 3P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A Datasheet
157Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com