Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPR1020CR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPR1020CR
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR1020CR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPR1020CR Datasheet HTML 2Page - STMicroelectronics STPR1020CR Datasheet HTML 3Page - STMicroelectronics STPR1020CR Datasheet HTML 4Page - STMicroelectronics STPR1020CR Datasheet HTML 5Page - STMicroelectronics STPR1020CR Datasheet HTML 6Page - STMicroelectronics STPR1020CR Datasheet HTML 7Page - STMicroelectronics STPR1020CR Datasheet HTML 8Page - STMicroelectronics STPR1020CR Datasheet HTML 9Page - STMicroelectronics STPR1020CR Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
STPR1020CB/CG/CT/CF/CFP/CR
10/10
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
Ordering type
Marking
Package
Weight
Base qty
Delivery
mode
STPR1020CB
STPR1020CB
DPAK
0.3g
75
Tube
STPR1020CB-TR
STPR1020CB
DPAK
0.3g
2500
Tape & reel
STPR1020CT
STPR1020CT
TO-220AB
2.23g
50
Tube
STPR1020CF
STPR1020CF
ISOWATT220AB
2.2g
50
Tube
STPR1020CG
STPR1020CG
D
2PAK
1.48g
50
Tube
STPR1020CFP
STPR1020CFP
TO-220FP
2.0g
50
Tube
STPR1020CR
STPR1020CR
I
2PAK
1.49 g
50
Tube
s
Cooling method : by conduction (C)
s
Recommended torque value (ISOWATT220AB, TO-220FPAB): 0.55 N.m.
s
Maximum torque value (ISOWATT220AB, TO-220FPAB): 0.70 N.m.
s
Recommended torque value (TO-220AB): 0.8 N.m
s
Maximum torque value (TO-220AB): 1.0 N.m.
s
Epoxy meets UL94,V0


Similar Part No. - STPR1020CR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPR1020C STMICROELECTRONICS-STPR1020C Datasheet
45Kb / 3P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
February 1999 - Ed : 2B
STPR1020CB STMICROELECTRONICS-STPR1020CB Datasheet
45Kb / 3P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
February 1999 - Ed : 2B
logo
Inchange Semiconductor ...
STPR1020CB ISC-STPR1020CB Datasheet
276Kb / 2P
   Ultrafast Recovery Diode
logo
STMicroelectronics
STPR1020CB-TR STMICROELECTRONICS-STPR1020CB-TR Datasheet
45Kb / 3P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
February 1999 - Ed : 2B
logo
Lite-On Technology Corp...
STPR1020CT LITEON-STPR1020CT Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
More results

Similar Description - STPR1020CR

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
STPR520D STMICROELECTRONICS-STPR520D Datasheet
75Kb / 6P
   ULTRA-FAST RECOVERY RECTIFIER DIODES
October 1999 - Ed: 2B
logo
List of Unclassifed Man...
MP3-306 ETC1-MP3-306 Datasheet
95Kb / 3P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
   Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
   Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com