Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

270X216J501A1A Datasheet(PDF) 6 Page - CTS Corporation

Part No. 270X216J501A1A
Description  Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

270X216J501A1A Datasheet(HTML) 6 Page - CTS Corporation

  270X216J501A1A Datasheet HTML 1Page - CTS Corporation 270X216J501A1A Datasheet HTML 2Page - CTS Corporation 270X216J501A1A Datasheet HTML 3Page - CTS Corporation 270X216J501A1A Datasheet HTML 4Page - CTS Corporation 270X216J501A1A Datasheet HTML 5Page - CTS Corporation 270X216J501A1A Datasheet HTML 6Page - CTS Corporation 270X216J501A1A Datasheet HTML 7Page - CTS Corporation 270X216J501A1A Datasheet HTML 8Page - CTS Corporation 270X216J501A1A Datasheet HTML 9Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
7.95±0.05
CLEARANCE FOR BUSHING.
CLEARANCE FOR 2.4 X 1.0(.094 X .039)
LOCATING LUG. (2)HOLES.
7.95
15.9
2.39
11.13
13.1
MAX.
9.53
Ø15.9
"A"±0.4
L±0.8
MTG. SURFACE
7.95
.375
.031
.016
.626
.313
.438
.516
.626
.094
.313
.313±.002
.313±.002
7.95±0.05
270T Metal Shaft, Bushing Mount, Solder Lug “T” Type Terminals
DIMENSION:
mm
inch
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
1
2
3
MOUNTING HOLE DETAIL
3/8-32UNEF-2A
6 - 9
© 2015 CTS Corporation. All rights reserved. I nformation subject to change.
03/27/15
CTS Electromonponents
www.ctscorp.com
DIMENSION:
mm
INCH
270T-2 Dual Section, Metal Shaft, Bushing Mount, Solder Lug “T” Type Terminals
.313
CLEARANCE FOR
CLEARANCE FOR 2.39/.094 x 1.0/.040
LOCATING LUG. (2)HOLES.
7.95
BUSHING
MTG. SURFACE
18.64
11.13
7.95
7.95
.734
L± 0.8
.031
.016
0.40
.313
7.95
.313
.313
.438
2.39
.094
7.95
.313
13.1
.516
15.9
.626
MAX.
3
2
1
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
MOUNTING HOLE DETAIL
3/8-32UNEF-2A


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn