Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZMM3.9 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part No. ZMM3.9
Description  SMD Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIOTEC [Diotec Semiconductor]
Homepage  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZMM3.9 Datasheet(HTML) 3 Page - Diotec Semiconductor

  ZMM3.9 Datasheet HTML 1Page - Diotec Semiconductor ZMM3.9 Datasheet HTML 2Page - Diotec Semiconductor ZMM3.9 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ZMM1 ... ZMM75
1
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
3
10
1
10
3
-1
10
10
2
[mA]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0
V
F
0.4
0.6
0.8
1.0
[V] 1.4
T = 100°C
j
T = 25°C
j
[pF]
[V]
C
j
V
Z
T = 25°C
f = 1.0 MHz
j
V = 1V
R
V = 2V
R
Junction capacitance vs. zener voltage (typical)
Sperrschichtkapazität in Abh. v.d. Zenerspg. (typ.)
V = 2V
R
V = 1V
R
0
2
3
4
5
6
7
8
10
[V]
V
Z
[mA]
50
150
0
100
I
Z
Typical breakdown characteristic
Typische Abbruchspannung
– tested with pulses
– gemessen mit Impulsen
5,6
6,2
6,8
7,5
8,2
9,1
I
Zmax
T = 25°C
j
I = 5 mA
Z
2.7
3.3 3.8 4.7
18
24
30
36
43
51
62
56
68
75
T = 25°C
j
I
Zmax
Typical breakdown characteristic
Typische Abbruchspannung
– tested with pulses
– gemessen mit Impulsen
10
120
100
80
60
40
20
0
[%]
P
tot
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von d. Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn