Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM8711 Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UM8711
Description  Multi-line ESD/EMI Protection for Color LCD Interfaces
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM8711 Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

Back Button UM8711 Datasheet HTML 3Page - Union Semiconductor, Inc. UM8711 Datasheet HTML 4Page - Union Semiconductor, Inc. UM8711 Datasheet HTML 5Page - Union Semiconductor, Inc. UM8711 Datasheet HTML 6Page - Union Semiconductor, Inc. UM8711 Datasheet HTML 7Page - Union Semiconductor, Inc. UM8711 Datasheet HTML 8Page - Union Semiconductor, Inc. UM8711 Datasheet HTML 9Page - Union Semiconductor, Inc. UM8711 Datasheet HTML 10Page - Union Semiconductor, Inc. UM8711 Datasheet HTML 11Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.03 May.2016
7/11
UM4701/4711/8701/8711
Package Information
UM4701: DFN8 2.0×2.0
Outline Drawing
D2
e
b
D
Pin #1 ID
Top View
Bottom View
Side View
PIN 1 DOT
BY MARKING
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Typ
Max
Min
Typ
Max
A
0.55
-
0.80
0.022
-
0.031
A1
0.00
-
0.05
0.000
-
0.002
A3
0.20REF
0.008REF
b
0.18
-
0.30
0.007
-
0.012
D
1.924
2.00
2.076
0.076
0.079
0.082
D2
1.35
-
1.80
0.053
-
0.071
E
1.924
2.00
2.076
0.076
0.079
0.082
E2
0.75
-
1.00
0.030
-
0.039
e
0.50TYP
0.020TYP
L
0.20
0.30
0.40
0.008
0.012
0.016
Land Pattern
0.50
0.25
1.70
2.00
NOTES:
1. Compound dimension: 2.00×2.00;
2. Unit: mm;
3. General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation
M


Similar Part No. - UM8711

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM8711 UNIONSEMI-UM8711 Datasheet
360Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
More results

Similar Description - UM8711

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4601 UNIONSEMI-UM4601 Datasheet
410Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4701 UNIONSEMI-UM4701 Datasheet
360Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4601 UNIONSEMI-UM4601_16 Datasheet
438Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4411 UNIONSEMI-UM4411 Datasheet
219Kb / 6P
   4 Line ESD/EMI Protection for Color LCD Interfaces
UM8401 UNIONSEMI-UM8401 Datasheet
319Kb / 7P
   8 Line ESD/EMI Protection for Color LCD Interfaces
UM4401 UNIONSEMI-UM4401 Datasheet
398Kb / 6P
   4 Line ESD/EMI Protection for Color LCD Interfaces
UM4411 UNIONSEMI-UM4411_16 Datasheet
234Kb / 6P
   4 Line ESD/EMI Protection for Color LCD Interfaces
UM6411 UNIONSEMI-UM6411_16 Datasheet
264Kb / 7P
   6 Line ESD/EMI Protection for Color LCD Interfaces
UM8401 UNIONSEMI-UM8401_16 Datasheet
260Kb / 7P
   8 Line ESD/EMI Protection for Color LCD Interfaces
UM8411 UNIONSEMI-UM8411 Datasheet
239Kb / 7P
   8 Line ESD/EMI Protection for Color LCD Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com