Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB250CA Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # P6SMB250CA
Description  SMD Transient Voltage Suppressor Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P6SMB250CA Datasheet(HTML) 2 Page - Diotec Semiconductor

  P6SMB250CA Datasheet HTML 1Page - Diotec Semiconductor P6SMB250CA Datasheet HTML 2Page - Diotec Semiconductor P6SMB250CA Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P6SMB220 ... P6SMB550CA
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
Typ
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
Stand-off
voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
unidirectional
bidirectional
VBR [V]
VWM [V]
ID [µA]
VC [V]
IPPM [A]
P6SMBJ5.0 ... P6SMBJ170CA
VWM = 5.0 ... 170V
P6SMB220
P6SMB220C
220 ± 10%
198...242
175
5
344
1.7
P6SMB220A
P6SMB220CA
220 ± 5%
209...231
185
5
328
1.8
P6SMB250
P6SMB250C
250 ± 10%
225...275
202
5
360
1.7
P6SMB250A
P6SMB250CA
250 ± 5%
237...263
214
5
344
1.7
P6SMB300
P6SMB300C
300 ± 10%
270...330
243
5
430
1.4
P6SMB300A
P6SMB300CA
300 ± 5%
285...315
256
5
414
1.4
P6SMB350
P6SMB350C
350 ± 10%
315...385
284
5
504
1.2
P6SMB350A
P6SMB350CA
350 ± 5%
332...368
300
5
482
1.2
P6SMB400
P6SMB400C
400 ± 10%
360...440
324
5
574
1.0
P6SMB400A
P6SMB400CA
400 ± 5%
380...420
342
5
548
1.1
P6SMB440
P6SMB440C
440 ± 10%
396...484
356
5
631
1.0
P6SMB440A
P6SMB440CA
440 ± 5%
418...462
376
5
602
1.0
P6SMB480
P6SMB480C
480 ± 10%
432...528
388
5
686
0.87
P6SMB480A
P6SMB480CA
480 ± 5%
456...504
408
5
658
0.91
P6SMB530
P6SMB530C
530 ± 10%
477...583
429
5
764
0.79
P6SMB530A
P6SMB530CA
530 ± 5%
503...556
477
5
729
0.82
P6SMB550
P6SMB550C
550 ± 10%
495...605
445
5
793
0.76
P6SMB550A
P6SMB550CA
550 ± 5%
522...577
495
5
760
0.79
TVS diodes having stand-off voltage VWM = 5.0 ... 170 V:
please refer to datasheet P6SMBJ5.0 ... 170CA
TVS-Dioden mit Sperrspannung VWM = 5.0 ... 170 V:
siehe Datenblatt P6SMBJ5.0 ... 170CA
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - P6SMB250CA

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
P6SMB250CA WEITRON-P6SMB250CA Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
P6SMB250CA UNSEMI-P6SMB250CA Datasheet
3Mb / 7P
   6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Ruilongyuan Electronics...
P6SMB250CA RUILON-P6SMB250CA Datasheet
827Kb / 7P
   Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P6SMB250CA SUNMATE-P6SMB250CA Datasheet
1,004Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Pan Jit International I...
P6SMB250CA PANJIT-P6SMB250CA Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMB250CA

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P4SMAJ5.0 DIOTEC-P4SMAJ5.0_16 Datasheet
167Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_16 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppressor Diodes
SMF14B DIOTEC-SMF14B Datasheet
184Kb / 2P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A_1 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_16 Datasheet
165Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P4SMA220 DIOTEC-P4SMA220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
SMF5.0A DIOTEC-SMF5.0A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
TGL41-6.8 DIOTEC-TGL41-6.8_16 Datasheet
168Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_17 Datasheet
150Kb / 3P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A Datasheet
157Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com