Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM8601 Datasheet(PDF) 10 Page - Union Semiconductor, Inc.

Part # UM8601
Description  Multi-line ESD/EMI Protection for Color LCD Interfaces
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM8601 Datasheet(HTML) 10 Page - Union Semiconductor, Inc.

Back Button UM8601 Datasheet HTML 3Page - Union Semiconductor, Inc. UM8601 Datasheet HTML 4Page - Union Semiconductor, Inc. UM8601 Datasheet HTML 5Page - Union Semiconductor, Inc. UM8601 Datasheet HTML 6Page - Union Semiconductor, Inc. UM8601 Datasheet HTML 7Page - Union Semiconductor, Inc. UM8601 Datasheet HTML 8Page - Union Semiconductor, Inc. UM8601 Datasheet HTML 9Page - Union Semiconductor, Inc. UM8601 Datasheet HTML 10Page - Union Semiconductor, Inc. UM8601 Datasheet HTML 11Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.06 Apr.2016
10/11
UM4601/4611/8601/8611
UM8611: DFN16 3.3×1.3
Outline Drawing
Side View
e
b
Bottom View
D2
C'0.2×45º
(Pin #1 ID)
D
PIN 1 DOT
BY MARKING
Top View
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Typ
Max
Min
Typ
Max
A
0.47
0.55
0.60
0.019
0.022
0.024
A1
0.00
-
0.05
0.000
-
0.002
A3
0.15REF
0.006REF
b
0.15
0.20
0.25
0.006
0.008
0.010
D
3.224
3.30
3.376
0.127
0.130
0.133
D2
2.45
-
3.00
0.096
-
0.118
E
1.25
1.30
1.426
0.049
0.051
0.056
E2
0.20
-
0.50
0.008
-
0.020
e
0.40TYP
0.016TYP
L
0.17
-
0.37
0.007
-
0.015
Land Pattern
0.40
2.90
3.30
0.20
NOTES:
1. Compound dimension: 3.30×1.30;
2. Unit: mm;
3. General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation


Similar Part No. - UM8601

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM8601 UNIONSEMI-UM8601 Datasheet
410Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
More results

Similar Description - UM8601

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4701 UNIONSEMI-UM4701_16 Datasheet
346Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4601 UNIONSEMI-UM4601 Datasheet
410Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4701 UNIONSEMI-UM4701 Datasheet
360Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4411 UNIONSEMI-UM4411 Datasheet
219Kb / 6P
   4 Line ESD/EMI Protection for Color LCD Interfaces
UM8401 UNIONSEMI-UM8401 Datasheet
319Kb / 7P
   8 Line ESD/EMI Protection for Color LCD Interfaces
UM4401 UNIONSEMI-UM4401 Datasheet
398Kb / 6P
   4 Line ESD/EMI Protection for Color LCD Interfaces
UM4411 UNIONSEMI-UM4411_16 Datasheet
234Kb / 6P
   4 Line ESD/EMI Protection for Color LCD Interfaces
UM6411 UNIONSEMI-UM6411_16 Datasheet
264Kb / 7P
   6 Line ESD/EMI Protection for Color LCD Interfaces
UM8401 UNIONSEMI-UM8401_16 Datasheet
260Kb / 7P
   8 Line ESD/EMI Protection for Color LCD Interfaces
UM8411 UNIONSEMI-UM8411 Datasheet
239Kb / 7P
   8 Line ESD/EMI Protection for Color LCD Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com