Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP8CDE9IMT7 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CDE9IMT7
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CDE9IMT7 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button COP8CDE9IMT7 Datasheet HTML 6Page - National Semiconductor (TI) COP8CDE9IMT7 Datasheet HTML 7Page - National Semiconductor (TI) COP8CDE9IMT7 Datasheet HTML 8Page - National Semiconductor (TI) COP8CDE9IMT7 Datasheet HTML 9Page - National Semiconductor (TI) COP8CDE9IMT7 Datasheet HTML 10Page - National Semiconductor (TI) COP8CDE9IMT7 Datasheet HTML 11Page - National Semiconductor (TI) COP8CDE9IMT7 Datasheet HTML 12Page - National Semiconductor (TI) COP8CDE9IMT7 Datasheet HTML 13Page - National Semiconductor (TI) COP8CDE9IMT7 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
DC Electrical Characteristics (−40˚C
≤ T
A ≤ +125˚C)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
4.5
5.5
V
Power Supply Rise Time
10
50 x 10
6
ns
Power Supply Ripple (Note 2)
Peak-to-Peak
0.1 V
CC
V
Supply Current (Note 3)
High Speed Mode
CKI = 10 MHz
V
CC = 5.5V, tC = 0.5 µs
12.4
mA
CKI = 3.33 MHz
V
CC = 4.5V, tC = 1.5 µs
5.5
mA
Dual Clock Mode
CKI = 10 MHz, Low Speed OSC = 32 kHz
V
CC = 5.5V, tC = 0.5 µs
12.4
mA
CKI = 3.33 MHz, Low Speed OSC = 32 kHz
V
CC = 4.5V, tC = 1.5 µs
5.5
mA
Low Speed Mode
Low Speed OSC = 32 kHz
V
CC = 5.5V
65
110
µA
HALT Current with BOR Disabled (Note 4)
High Speed Mode
V
CC = 5.5V, CKI=0MHz
<440
µA
Dual Clock Mode
V
CC = 5.5V, CKI = 0 MHz,
Low Speed OSC = 32 kHz
<950
µA
Low Speed Mode
V
CC = 5.5V, CKI = 0 MHz,
Low Speed OSC = 32 kHz
<950
µA
Idle Current (Note 3)
High Speed Mode
CKI = 10 MHz
V
CC = 5.5V, tC = 0.5 µs
1.9
mA
Dual Clock Mode
CKI = 10 MHz, Low Speed OSC = 32 kHz
V
CC = 5.5V, tC = 0.5 µs
1.9
mA
Low Speed Mode
Low Speed OSC = 32 kHz
V
CC = 5.5V
30
70
µA
Supply Current When Programming In ISP
V
CC = 5.0V, tC = 0.5 µs
26
mA
Supply Current for BOR Feature
V
CC = 5.5V
45
µA
High Brownout Trip Level (BOR Enabled)
4.17
4.28
4.5
V
Input Levels (V
IH,VIL)
Logic High
0.8 V
CC
V
Logic Low
0.16 V
CC
V
Internal Bias Resistor for the CKI Crystal/Resonator
Oscillator
0.3
1.0
2.5
M
Hi-Z Input Leakage
V
CC = 5.5V
−3
+3
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−40
−250
µA
Port Input Hysteresis
0.25 V
CC
V
Output Current Levels
B0-B3 Outputs
Source (Weak Pull-Up Mode)
V
CC = 4.5V, VOH = 3.8V
−9
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 4.2V
−9
mA
Sink (Push-Pull Mode) (Note 7)
V
CC = 4.5V, VOL = 0.3V
9
mA
Allowable Sink and Source Current per Pin
15
mA
All Others
Source (Weak Pull-Up Mode)
V
CC = 4.5V, VOH = 3.8V
−9
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.8V
−6.3
mA
Sink (Push-Pull Mode) (Note 7)
V
CC = 4.5V, VOL = 1.0V
9
mA
Allowable Sink and Source Current per Pin
12
mA
TRI-STATE Leakage
V
CC = 5.5V
−3
+3
µA
Maximum Input Current without Latchup (Note 5)
±200
mA
www.national.com
10


Similar Part No. - COP8CDE9IMT7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8CDR9 NSC-COP8CDR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
logo
Texas Instruments
COP8CDR9 TI1-COP8CDR9 Datasheet
2Mb / 112P
[Old version datasheet]   COP8CBR9/COP8CCR9/COP8CDR9 8-Bit CMOS Flash Microcontroller with 32k Memory
logo
National Semiconductor ...
COP8CDR9HLQ7 NSC-COP8CDR9HLQ7 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CDR9HLQ8 NSC-COP8CDR9HLQ8 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CDR9HVA7 NSC-COP8CDR9HVA7 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
More results

Similar Description - COP8CDE9IMT7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SBE9 NSC-COP8SBE9 Datasheet
841Kb / 70P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM and Brownout Reset
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_14 Datasheet
1Mb / 103P
[Old version datasheet]   COP8CBE9/CCE9 8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10- Bit A/D and Brownout Reset
logo
National Semiconductor ...
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CFE9 NSC-COP8CFE9 Datasheet
771Kb / 63P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
COP8AME9 TI1-COP8AME9_14 Datasheet
1Mb / 102P
[Old version datasheet]   COP8AME9 8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEPROM, Temperature Sensor, 10-Bit A/D and Brownout Reset
logo
National Semiconductor ...
COP8SBR9 NSC-COP8SBR9 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8AME9 NSC-COP8AME9 Datasheet
931Kb / 83P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
logo
Texas Instruments
COP8SBR9 TI1-COP8SBR9_14 Datasheet
1Mb / 105P
[Old version datasheet]   COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Microchip Technology
PIC12CE67X MICROCHIP-PIC12CE67X Datasheet
671Kb / 116P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com