Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

270V220H501A1A Datasheet(PDF) 2 Page - CTS Corporation

Part # 270V220H501A1A
Description  Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

270V220H501A1A Datasheet(HTML) 2 Page - CTS Corporation

  270V220H501A1A Datasheet HTML 1Page - CTS Corporation 270V220H501A1A Datasheet HTML 2Page - CTS Corporation 270V220H501A1A Datasheet HTML 3Page - CTS Corporation 270V220H501A1A Datasheet HTML 4Page - CTS Corporation 270V220H501A1A Datasheet HTML 5Page - CTS Corporation 270V220H501A1A Datasheet HTML 6Page - CTS Corporation 270V220H501A1A Datasheet HTML 7Page - CTS Corporation 270V220H501A1A Datasheet HTML 8Page - CTS Corporation 270V220H501A1A Datasheet HTML 9Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical and Mechanical Specifications
Shaft and Bushing Information
Metal Shaft and Bushing
Single
t
f
a
h
S
e
n
O
h
t
i
w
r
e
t
e
m
o
i
t
n
e
t
o
P
n
o
i
t
c
e
S
l
a
u
D
r
o
Molded Shaft and Bushing
Single Section Potentiometer with One Shaft
Shaft Diameter
inch
mm
inch
mm
.125
3.20
1/4" – 32UNEF-2A
M7 X .75P
2 - 9
© 2015 CTS Corporation. All rights reserved. I nformation subject to change.
03/27/15
CTS Electrocomponents
www.ctscorp.com
Bushing Diameter
Outer Shaft Diameter
inch
mm
inch
mm
.236
6.00
.156
4.0
.250
6.35
.125
3..2
Inner Shaft Diameter
inch
mm
Bushing Diameter
3/8" – 32UNEF-2A
M9 X.75P
Concentric Tandem Potentiometer with Two Shafts
3/8" – 32UNEF-2A
M8 X.75P
Shaft with Twist Tab, Bend Tab, Snap-in PC Bracket, or PC Terminal
All metal or molded shaft diameters can be used except .187”(4.7mm), which can be used with snap-in PC bracket only.
.187
4.70
3/8" – 32UNEF-2A
M7 X .75P
.236
6.00
3/8" – 32UNEF-2A
M8 X .75P
.250
6.35
3/8" – 32UNEF-2A
M9 X .75P
Shaft Diameter
inch
mm
inch
mm
.156
4.00
1/4" – 32UNEF-2A
M7 X .75P
Bushing Diameter
.187
4.70
3/8" – 32UNEF-2A
M7 X .75P
.236
6.00
3/8" – 32UNEF-2A
M8 X .75P
.250
6.35
3/8" – 32UNEF-2A
M9 X .75P
.156
4.00
1/4" – 32UNEF-2A
M7 X .75P
Terminal Information
T:
Solder lug perpendicular to shaft. Or, solder lug formed 60° to the rear.
U:
PC terminals formed 90° forward toward mounting surface. Terminals extend .187" (4.7mm) beyond mounting surface.
V:
PC terminals formed 90° to the rear, away from panel mounting. Terminals extend .442" (11.2mm) from mounting surface.
Standard:
T:
Solder lug formed 90° to the rear on single and multi-section
X:
PC terminals standard .438" (11.1mm) from center line of control to PC board, straight terminals extend .156" (4.0mm)
into PC board.
Special:
W:
Wire wrap terminals — .156" (4.0mm) terminal extension beyond base, formed 60° to the rear.


Similar Part No. - 270V220H501A1A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
270V220A103A1A1 CTS-270V220A103A1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270V220A103B1A1 CTS-270V220A103B1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270V220A501A1A1 CTS-270V220A501A1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270V220A501B1A1 CTS-270V220A501B1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270V220R103A1A1 CTS-270V220R103A1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
More results

Similar Description - 270V220H501A1A

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
CTS Corporation
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
TOCOSAMERICA, INC.
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com