Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G14DBVRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G14DBVRG4
Description  DUAL SCHMITT-TRIGGER INVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G14DBVRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC2G14DBVRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC2G14DBVRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC2G14DBVRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC2G14DBVRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G14DBVRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G14DBVRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G14DBVRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G14DBVRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G14DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
Operating Characteristics
SN74LVC2G14
DUAL SCHMITT-TRIGGER INVERTER
SCES200J – APRIL 1999 – REVISED JUNE 2005
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
16
17
18
21
pF
5


Similar Part No. - SN74LVC2G14DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14DBVRG4 TI-SN74LVC2G14DBVRG4 Datasheet
432Kb / 14P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14DBVRG4 TI-SN74LVC2G14DBVRG4 Datasheet
584Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14DBVRG4 TI1-SN74LVC2G14DBVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Schmitt-Trigger Inverter
SN74LVC2G14DBVRG4 TI1-SN74LVC2G14DBVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Schmitt-Trigger Inverter
More results

Similar Description - SN74LVC2G14DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
   Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
   Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
NLX2G14 ONSEMI-NLX2G14 Datasheet
144Kb / 8P
   Dual Schmitt-Trigger Inverter
November, 2009 ??Rev. 2
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17_15 Datasheet
158Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14_16 Datasheet
72Kb / 7P
   Dual Schmitt-Trigger Inverter
July, 2016 ??Rev. 5
logo
Texas Instruments
SN74LVC2G14 TI-SN74LVC2G14_09 Datasheet
584Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14_15 Datasheet
191Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74LVC2G14 DIODES-74LVC2G14 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER INVERTER
logo
ON Semiconductor
NL27WZ14 ONSEMI-NL27WZ14 Datasheet
96Kb / 8P
   Dual Schmitt-Trigger Inverter
May, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com