Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK412-090 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK412-090
Description  Two-Channel Shift Power Supply Audio Power Amplifier ICs 150W 150 W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK412-090 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK412-090 Datasheet HTML 1Page - Sanyo Semicon Device STK412-090 Datasheet HTML 2Page - Sanyo Semicon Device STK412-090 Datasheet HTML 3Page - Sanyo Semicon Device STK412-090 Datasheet HTML 4Page - Sanyo Semicon Device STK412-090 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 













    ! "#$%&'( )*
+, -./ 0123456789 ! :;<=>?@AB.CDE
FGH  ! "#$=IJKLMN-OP./


QRSTUVWXSTUVYZX[P Z\[]^W_^`P-a#b# c(6- L/
81d4 *FGCe,f gh=ijLklmP./
QnUV 81= n Eoa#pqrs9tCunUV %Fvwxm e,f
gh UV %Fy%.CDEoz{-./
Q|} )~ 
RS]UVWS]UVY€ZX[‚ƒ^W_^`„…††Tn…ZR††TXZR††‡
RS]UVWXS]UVY€Z\[‚ƒ^W_^ˆ„\X††T††T‰††‡
‡a#ŠP‹
QŒŽ‘’“ Zn”




 








  
 
 
 
 
•\R























–—l X…˜
Y™š›œ††`






Similar Part No. - STK412-090

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK412-090 SANYO-STK412-090 Datasheet
53Kb / 4P
   Two-Channel Shift Power Supply Audio Power Amplifier ICs 50W 50 W
More results

Similar Description - STK412-090

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK412-170 SANYO-STK412-170 Datasheet
62Kb / 4P
   Two-Channel Shift Power Supply Audio Power Amplifier ICs
STK412-010 SANYO-STK412-010 Datasheet
58Kb / 4P
   Two-Channel Shift Power Supply Audio Power Amplifier ICs(70W 70 W)
STK412-090 SANYO-STK412-090 Datasheet
53Kb / 4P
   Two-Channel Shift Power Supply Audio Power Amplifier ICs 50W 50 W
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
LA4620 SANYO-LA4620 Datasheet
243Kb / 8P
   Two- channel Audio Power Amplifier
logo
List of Unclassifed Man...
DI35 ETC-DI35 Datasheet
78Kb / 2P
   16 W Audio Amplifier Power Supply
logo
Power Integrations, Inc...
DI-35 POWERINT-DI-35 Datasheet
325Kb / 2P
   16 W Audio Amplifier Power Supply
logo
Sanyo Semicon Device
LA4663 SANYO-LA4663 Datasheet
113Kb / 10P
   Two-Channel 16-W BTL General-Purpose Audio Power Amplifier
STK4048V SANYO-STK4048V Datasheet
54Kb / 3P
   150 W min AF Power Amplifier (Split Power Supply)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com