Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMFT221XE Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # UMFT221XE
Description  UMFT221XE USB to 8-bit SPI/FT1248 Development Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UMFT221XE Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button UMFT221XE Datasheet HTML 2Page - Future Technology Devices International Ltd. UMFT221XE Datasheet HTML 3Page - Future Technology Devices International Ltd. UMFT221XE Datasheet HTML 4Page - Future Technology Devices International Ltd. UMFT221XE Datasheet HTML 5Page - Future Technology Devices International Ltd. UMFT221XE Datasheet HTML 6Page - Future Technology Devices International Ltd. UMFT221XE Datasheet HTML 7Page - Future Technology Devices International Ltd. UMFT221XE Datasheet HTML 8Page - Future Technology Devices International Ltd. UMFT221XE Datasheet HTML 9Page - Future Technology Devices International Ltd. UMFT221XE Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Copyright © 2012 Future Technology Devices International Limited
UMFT221XE
Version 1.0
Document Reference No.: FT_000651
Clearance No.: FTDI#
293
4.3
CBUS Signal Options
The following options can be configured on the CBUS I/O pins. These options are all configured in the
internal MTP ROM using the utility software FT_PROG, which can be downloaded from the
www.ftdichip.com. The default configuration is described in Section 9.
CBUS Signal
Option
Available On CBUS Pin
Description
Tristate
CBUS3
IO Pad is tri-stated
DRIVE_1
CBUS3
Output a constant 1
DRIVE_0
CBUS3
Output a constant 0
PWREN#
CBUS3
Output is low after the device has been configured by USB, then
high during USB suspend mode. This output can be used to control
power to external logic P-Channel logic level MOSFET switch.
NOTE: This function is driven by an open-drain to ground with no
internal pull-up, this is specially designed to aid battery charging
applications. UMFT221XE connects an on board 47K pull-up on all
CBUS and DBUS lines.
TXLED#
CBUS3
Transmit data LED drive – open drain pulses low when transmitting
data via USB.
RXLED#
CBUS3
Receive data LED drive – open drain pulses low when receiving data
via USB.
TX&RXLED#
CBUS3
LED drive – open drain pulses low when transmitting or receiving
data via USB.
SLEEP#
CBUS3
Goes low during USB suspend mode. Typically used to power down
an external logic. De-activate SLEEP# option for when connected to
a dedicated charger port, this can be selected when configuring the
MTP ROM. When this option is enabled SLEEP# is driven high when
FT221X is connected to a Dedicated Charger Port.
CLK24MHz
CBUS3
24 MHz Clock output.**
CLK12MHz
CBUS3
12 MHz Clock output.**
CLK6MHz
CBUS3
6 MHz Clock output.**
GPIO
CBUS3
CBUS bit bang mode option. Allows up to 4 of the CBUS pins to be
used as general purpose I/O. Configured individually for CBUS0,
CBUS1, CBUS2 and CBUS3 in the internal MTP ROM. A separate
application note, AN232R-01, available from FTDI website
(www.ftdichip.com) describes in more detail how to use CBUS bit
bang mode.
BCD_Charger
CBUS3
Battery Charge Detect indicates when the device is connected to a
dedicated battery charger host. Active high output. NOTE: Requires
a 10K pull-down to remove power up toggling.
BCD_Charger#
CBUS3
Active low BCD Charger, driven by an open drain to ground with no
internal pull-up (4.7K on board pull-up present).
BitBang_WR#
CBUS3
Synchronous and asynchronous bit bang mode WR# strobe output.
BitBang_RD#
CBUS3
Synchronous and asynchronous bit bang mode RD# strobe output.
VBUS Sense
CBUS3
Input to detect when VBUS is present.
Time Stamp
CBUS3
Toggle signal which changes state each time a USB SOF is received
Keep_Awake#
CBUS3
Active Low input, prevents the chip from going into suspend.
Table 4.2 – CBUS Signal Options
**When in USB suspend mode the outputs clocks are also suspended.


Similar Part No. - UMFT221XE

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
UMFT221XE-01 FTDI-UMFT221XE-01 Datasheet
781Kb / 23P
   UMFT201XE USB to I2C Development Module
UMFT221XE-01 FTDI-UMFT221XE-01 Datasheet
773Kb / 18P
   UMFT231XE USB to Full-Handshake UART Development Module
UMFT221XE-01 FTDI-UMFT221XE-01 Datasheet
813Kb / 18P
   UMFT240XE USB to 8-bit 245 FIFO Development Module
More results

Similar Description - UMFT221XE

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
UMFT240XE FTDI-UMFT240XE Datasheet
813Kb / 18P
   UMFT240XE USB to 8-bit 245 FIFO Development Module
FT220X FTDI-FT220X Datasheet
947Kb / 46P
   FT220X USB 4-BIT SPI/FT1248 IC Datasheet Version 1.3
UMFT201XE FTDI-UMFT201XE Datasheet
781Kb / 23P
   UMFT201XE USB to I2C Development Module
UMFT230XA-02 FTDI-UMFT230XA-02 Datasheet
692Kb / 21P
   UMFT230XA USB to Basic UART Development Module
logo
List of Unclassifed Man...
USBMOD4 ETC2-USBMOD4 Datasheet
241Kb / 12P
   USB Plug and Play Parallel 8-Bit FIFO Development Module (Second Generation)
logo
Future Technology Devic...
UMFT231XE FTDI-UMFT231XE Datasheet
773Kb / 18P
   UMFT231XE USB to Full-Handshake UART Development Module
UM232R FTDI-UM232R Datasheet
764Kb / 19P
   USB- Serial UART Development Module
logo
List of Unclassifed Man...
PIC1665 ETC1-PIC1665 Datasheet
430Kb / 10P
   8-Bit Development Microcomputer
logo
Future Technology Devic...
MM232R FTDI-MM232R Datasheet
1,020Kb / 19P
   Mini USB- Serial UART Development Module
logo
Holtek Semiconductor In...
HT82A520R HOLTEK-HT82A520R Datasheet
483Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com