Electronic Components Datasheet Search |
|
295T828K503B11 Datasheet(PDF) 2 Page - CTS Corporation |
|
295T828K503B11 Datasheet(HTML) 2 Page - CTS Corporation |
2 / 2 page TAPER & ELECTRICAL EFFECTIVE ANGLE A- ± 10% B- ± 20% RESIST TOL EXAMPLES: EXAMPLES: RESISTANCE CODE EXAMPLES SHAFT LENGTH “L” R- ROUND F- FLATTED K- KNURLED & SLOTTED S- SLOTTED MOUNTING HOLE DETAIL T 2 20 R 103 B 1 1 TERMINAL STYLE T- SOLDER LUG(FASTON), FORMED TO REAR METAL SHAFT TRIM MOUNTING STYLE “A” CODE RESISTANCE 103 10 K 253 25 K 503 50 K 104 100 K 504 500 K 105 1Meg FROM MOUNTING SURFACE 1/32"INCREMENTS BRASS BUSHING LENGTH 1/8"INCREMENTS 2- .250" (6.35mm) 3- .375" (9.5mm) 8- 1.000" (25.4mm) 1- TWISTED TAB 20- .625" (15.9 mm) 24- .750" (19.11mm) 28- .875" (22.2 mm) 32- 1.000" (25.4 mm) Ordering Information mm DIMENSION: inch SPECIALS 1- TWO LUGS 2- LOCATING LUG RIGHT SIDE 3- NO LOCATING LUG 4- LOCATING LUG LEFT SIDE .410±.003 10.41±0.08 2.08±0.08 .082±.003 .062±.003 1.57±0.08 1.57±0.08 .062±.003 .164±.003 .500 .957 .438 .331 "L"± 0.8 .031 .445 .016 0.4 REF. BASE OD 24.3 12.7 .410±.003 10.41±0.08 4.16±0.08 CLEARANCE HOLE 11.1 3/8-32 UNEF-2A 8.4 MTG. SURFACE "A"± 11.3 295 .819 20.8 2 - 2 © 2010 CTS Corporation. All rights reserved. Information subject to change. 02/22/10 CTS Electrocomponents www.ctscorp.com WIPER 1 3 2 CLOCKWISE CIRCUIT CCW CW MOUNTING HOLE DETAIL mm DIMENSION: inch .410±.003 10.41±0.08 2.08±0.08 .082±.003 .062±.003 1.57±0.08 1.57±0.08 .062±.003 .164±.003 .500 .957 .438 "L"± 0.8 .031 .445 .016 0.4 REF. BASE OD 24.3 12.7 .410±.003 10.41±0.08 4.16±0.08 CLEARANCE HOLE 11.1 3/8-32 UNEF-2A MUNTING SURFACE "A"± 11.3 .819 20.8 WIPER 1 3 2 CLOCKWISE CIRCUIT CCW CW 295S Metal Shaft, Bushing Mounting, Solder Lug (Faston) Terminals S- SSOLDER LUG(FASTON), FORMED TO PARALLEL 1 2 3 1 2 3 C- ± 30% A - .375”(9.53mm), No thread B - .375”(9.53mm), M9 X .75P TWISTED TAB MOUNT MOLDED BUSHING LENGTH Shaft Trim F - FLATTED R - ROUND K - KNURLED S - SLOTTED 4.0 .156 9.53 .375 Ø 6.00 .236 1.20 .047 1.60 .063 24 TEETH 295T Metal Shaft, Bushing Mounting,Type “T” Solder Lug (Faston) Terminals mm DIMENSION: inch 2- 10% AUD (240°) 3- 10% CCW AUD(240°) 6.1 .242 1- LINEAR (50°) 4- LINEAR (40°) 5- LINEAR (60°) 6- LINEAR (110°) 7- LINEAR (270°) Ø 6.00 .236 Ø 6.35 .250 Ø 6.00 .236 |
Similar Part No. - 295T828K503B11 |
|
Similar Description - 295T828K503B11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |