Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDE0604A-680K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDE0604A-680K
Description  SMD Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDE0604A-680K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDE0604A-680K Datasheet HTML 1Page - Bourns Electronic Solutions SDE0604A-680K Datasheet HTML 2Page - Bourns Electronic Solutions SDE0604A-680K Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
High saturation current
Inductance range: 1.2 to 150 µH
Heating current up to 5.3 A
Dimensions: 5.8 x 5.2 x 4.5 mm
AEC-Q200 qualified
RoHS compliant* and halogen free**
Applications
Automotive systems:
- Driver assistant
- Information
- Entertainment
- Lighting
DC/DC converters
Power supplies
SDE0604A Series - SMD Power Inductors
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Solder Heat
............................. +250 °C for 10 sec.
Temperature Rise
.......................40 °C typ. at rated
Irms
Inductance Drop ........... 10 % typ. at
Isat
Electrical Specifications @ 25 °C
Bourns
Part Number
Inductance
SRF
(MHz)
Typ.
DCR
(
Ω)
Typ.
DCR
(
Ω)
Max.
I rms
(A)
I sat
(A)
L
(µH)
Tol.
(%)
Test Freq./
Voltage
SDE0604A-1R2M
1.2
± 20
1 MHz / 1 V
155
0.016
0.02
5.3
6.0
SDE0604A-1R5M
1.5
± 20
1 MHz / 1 V
123
0.0185
0.024
5.0
5.3
SDE0604A-2R2M
2.2
± 20
1 MHz / 1 V
80
0.0229
0.031
4.35
4.2
SDE0604A-2R7M
2.7
± 20
1 MHz / 1 V
60
0.0278
0.055
4.0
3.8
SDE0604A-3R3M
3.3
± 20
1 MHz / 1 V
50
0.0299
0.06
3.8
3.5
SDE0604A-3R9M
3.9
± 20
1 MHz / 1 V
44
0.034
0.065
3.6
3.2
SDE0604A-4R7M
4.7
± 20
1 MHz / 1 V
47
0.0382
0.07
3.4
3.0
SDE0604A-5R6M
5.6
± 20
1 MHz / 1 V
41
0.0419
0.075
3.2
2.75
SDE0604A-6R8M
6.8
± 20
1 MHz / 1 V
36
0.0467
0.08
3.0
2.4
SDE0604A-8R2M
8.2
± 20
1 MHz / 1 V
31
0.0537
0.09
2.8
2.2
SDE0604A-100M
10
± 20
1 MHz / 1 V
32
0.0621
0.10
2.6
2.0
SDE0604A-120M
12
± 20
1 MHz / 1 V
29
0.0675
0.12
2.5
1.85
SDE0604A-150M
15
± 20
1 MHz / 1 V
26
0.0947
0.14
2.3
1.65
SDE0604A-180M
18
± 20
1 MHz / 1 V
24
0.114
0.15
2.0
1.5
SDE0604A-220M
22
± 20
1 MHz / 1 V
19
0.128
0.18
1.8
1.35
SDE0604A-270M
27
± 20
1 MHz / 1 V
18
0.14
0.20
1.7
1.2
SDE0604A-330M
33
± 20
1 MHz / 1 V
17
0.184
0.23
1.55
1.1
SDE0604A-390M
39
± 20
1 MHz / 1 V
17
0.215
0.32
1.4
1.0
SDE0604A-470M
47
± 20
1 MHz / 1 V
14
0.258
0.37
1.25
0.9
SDE0604A-560K
56
± 10
1 MHz / 1 V
12
0.298
0.42
1.1
0.82
SDE0604A-680K
68
± 10
1 MHz / 1 V
11
0.343
0.46
1.0
0.74
SDE0604A-820K
82
± 10
1 MHz / 1 V
8
0.436
0.60
0.9
0.68
SDE0604A-101K
100
± 10
1 kHz / 1 V
7.5
0.559
0.70
0.8
0.62
SDE0604A-121K
120
± 10
1 kHz / 1 V
7.5
0.599
0.90
0.75
0.6
SDE0604A-151K
150
± 10
1 kHz / 1 V
7
0.9
1.1
0.52
0.52
General Specifications
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging.................. 1000 pcs. per reel
Materials
Product Dimensions
Recommended Layout
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
How to Order
SDE0604A - 100M
Model
Value Code (see table)
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less;
(b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
5.80 ± 0.3
(.228 ± .012)
5.20 ± 0.3
(.228 ± .012)
5.50
(.217 ± .012)
4.50 ± 0.3
(.177 ± .012)
2.10
(.083)
REF.
1.70
(.067)
6.00
(.236)
Soldering Profile
200
250
150
200
100
50
0
100
50
150
Time (Seconds)
+4.0 °C/Sec. Max.
150~200 °C / 60~120 Sec.
+3.0 °C/Sec. Max.
-(1.0~5.0) °C/Sec. Max.
Temperature
Rising Area
Preheat
Area
Reflow
Area
Forced
Cooling Area
250
Peak Temperature: 250 °C
217 °C
60~120 Sec.
60 Sec.
Max.
60~150 Sec.
Peak Temperature:
250 ° C max.
Max. Peak Temperature -5 °C:
30 sec. max.
Max. Time Above 217 °C:
90-150 sec. max.


Similar Part No. - SDE0604A-680K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDE0604A-680K BOURNS-SDE0604A-680K Datasheet
246Kb / 4P
   SDE0604A Series - SMD Power Inductors
REV. 11/19
More results

Similar Description - SDE0604A-680K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com