Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SED1278D0F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SED1278D0F
Description  CMOS DOT MATRIX LCD CONTROLLER DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SED1278D0F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SED1278D0F Datasheet HTML 1Page - List of Unclassifed Manufacturers SED1278D0F Datasheet HTML 2Page - List of Unclassifed Manufacturers SED1278D0F Datasheet HTML 3Page - List of Unclassifed Manufacturers SED1278D0F Datasheet HTML 4Page - List of Unclassifed Manufacturers SED1278D0F Datasheet HTML 5Page - List of Unclassifed Manufacturers SED1278D0F Datasheet HTML 6Page - List of Unclassifed Manufacturers SED1278D0F Datasheet HTML 7Page - List of Unclassifed Manufacturers SED1278D0F Datasheet HTML 8Page - List of Unclassifed Manufacturers SED1278D0F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
287
SED1278
CMOS DOT MATRIX LCD CONTROLLER DRIVER
s DESCRIPTION
The SED1278 is a character LCD controller-driver, capable of driving displays as large as 2 lines of 8
characters (5
× 8 pixels), with minimum external components.
The SED1278 has an internal CGROM consisting of 240 characters (5
× 7) plus the underline cursor, JIS,
ASCII, and eight user-programmable characters in RAM.
The SED1278 has 40 segment output and 16 common output built-in. Thus, one chip is capable of displaying
up to 16 characters. The SED1278 can display one line of 48 characters using an SED1681F (80-bit output)
as an expansion segment driver.
The SED1278 is fabricated using a silicon gate CMOS technology process and features very low power
dissipation. This makes the device suitable for handheld and portable applications.
s FEATURES
Low-power CMOS technology
40 segment output
16 common output
Duty: 1/8 or 1/16 (set by command)
4/8-bit CPU data interface, TTL compatible
Two frame AC drive wave form
CGROM: .................................... 240 characters
CGRAM: ........................................ 8 characters
Display data RAM: ... 80 × 8 bits (80 characters)
Recommended expansion segment driver:
SED1181FLA (64 output)
SED1681F (80 output)
Built-in power on power-on reset
Built-in RC oscillator
Built-in LCD driver voltage-divider network
TTL compatible CPU interface
Supply voltage ................... Logic: 4.5V to 5.5V
LCD: 3.5V to 5.5V
Package:
QFP5-80 pins (F0A, F0B, F0C, F0D, F0G, F0H)
Al pad (D0A, D0B, D0C, D0D, D0G, D0H)
s SYSTEM BLOCK DIAGRAM
SED1278
20 CHAR
× 2 LINES
SED1181
CPU
DATA
CONTROL
XSCL, LP
D0
40 SEG
16 COM


Similar Part No. - SED1278D0F

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1278D EPSON-SED1278D Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
SED1278DOA EPSON-SED1278DOA Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
SED1278DOB EPSON-SED1278DOB Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
SED1278DOC EPSON-SED1278DOC Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
SED1278DOE EPSON-SED1278DOE Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
More results

Similar Description - SED1278D0F

ManufacturerPart #DatasheetDescription
logo
NEC
UPD7227 NEC-UPD7227 Datasheet
286Kb / 7P
   CMOS, Intelligent, Dot-Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
   Dot Matrix LCD Controller Driver
logo
Integral Corp.
IZD1520 INTEGRAL-IZD1520 Datasheet
153Kb / 13P
   CMOS DOT MATRIX LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com