Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSH7N90A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SSH7N90A
Description  N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSH7N90A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SSH7N90A Datasheet HTML 1Page - Fairchild Semiconductor SSH7N90A Datasheet HTML 2Page - Fairchild Semiconductor SSH7N90A Datasheet HTML 3Page - Fairchild Semiconductor SSH7N90A Datasheet HTML 4Page - Fairchild Semiconductor SSH7N90A Datasheet HTML 5Page - Fairchild Semiconductor SSH7N90A Datasheet HTML 6Page - Fairchild Semiconductor SSH7N90A Datasheet HTML 7Page - Fairchild Semiconductor SSH7N90A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SSH7N90A
N-CHANNEL POWER MOSFET
4
-75
-50
-25
0
25
50
75
100
125
150
175
0.8
0.9
1.0
1.1
1.2
@ Notes :
1. V
GS = 0 V
2. I
D = 250 µA
T
J , Junction Temperature
[
oC]
-75
-50
-25
0
25
50
75
100
125
150
175
0.0
0.5
1.0
1.5
2.0
2.5
3.0
@ Notes :
1. V
GS = 10 V
2. I
D = 4.0 A
T
J , Junction Temperature
[
oC]
25
50
75
100
125
150
0
2
4
6
8
T
c , Case Temperature
[
oC]
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
100
µs
DC
10
µs
1 ms
10 ms
@ Notes :
1. T
C = 25
oC
2. T
J
= 150
oC
3. Single Pulse
Operation in This Area
is Limited by R
DS(on)
V
DS , Drain-Source Voltage
[V]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
single pulse
0.2
0.1
0.01
0.02
0.05
D=0.5
@ Notes :
1. ZθJC(t)=0.52
o C/W Max.
2. Duty Factor, D=t
1 /t2
3. T
JM -TC =PDM *Z
θ JC (t)
t
1
, Square Wave Pulse Duration
[sec]
Fig 7. Breakdown Voltage vs. Temperature
Fig 8. On-Resistance vs. Temperature
Fig 11. Thermal Response
Fig 10. Max. Drain Current vs. Case Temperature
Fig 9. Max. Safe Operating Area
P
DM
t
1
t
2


Similar Part No. - SSH7N90A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SSH7N90A ISC-SSH7N90A Datasheet
272Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SSH7N90A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com